Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1520AB Datasheet(PDF) 7 Page - Vishay Siliconix

Part # LH1520AB
Description  Dual 1 Form A Solid-State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1520AB Datasheet(HTML) 7 Page - Vishay Siliconix

  LH1520AB Datasheet HTML 1Page - Vishay Siliconix LH1520AB Datasheet HTML 2Page - Vishay Siliconix LH1520AB Datasheet HTML 3Page - Vishay Siliconix LH1520AB Datasheet HTML 4Page - Vishay Siliconix LH1520AB Datasheet HTML 5Page - Vishay Siliconix LH1520AB Datasheet HTML 6Page - Vishay Siliconix LH1520AB Datasheet HTML 7Page - Vishay Siliconix LH1520AB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LH1520AB, LH1520AAC, LH1520AACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Jul-11
7
Document Number: 83818
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE MARKING (example)
Note
• Tape and reel suffix (TR) is not part of the package marking.
i178009
pin one ID
9.91
9.63
1.14
0.78
1.02
0.51
typ.
0.25
0.10
3.81
3.30
2.54 typ.
1.27 typ.
7.80
7.52
8 typ.
10.03
9.52
0.79 typ.
6.81
6.48
radius
0.3 typ.
10°
3° to 7°
SMD
ISO method A
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
LH1520
V YWW H 68


Similar Part No. - LH1520AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1520AB VISHAY-LH1520AB Datasheet
161Kb / 9P
   Dual 1 Form A Solid State Relay
Rev. 1.4, 15-Apr-08
LH1520AB VISHAY-LH1520AB Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2022
LH1520AB VISHAY-LH1520AB Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
LH1520AB VISHAY-LH1520AB_V01 Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2022
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
More results

Similar Description - LH1520AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com