Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1510AAB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1510AAB
Description  1 Form A Solid-State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1510AAB Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1510AAB_11 Datasheet HTML 1Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 2Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 3Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 4Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 5Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 6Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 7Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 8Page - Vishay Siliconix LH1510AAB_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LH1510AAB, LH1510AABTR, LH1510AT
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Jul-11
4
Document Number: 83810
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - LED Current vs. Load Voltage
Fig. 6 - LED Current for Switch Turn-on vs. Temperature
Fig. 7 - LED Dropout Voltage vs. Temperature
Fig. 8 - DC Load Current vs. Load Voltage
Fig. 9 - DC Current Limit vs. Temperature
Fig. 10 - Current Limit vs. Temperature
ilh1510at_04
LED Current (mA)
1
0
2
3
4
5
6
7
23
T = 85 °C
T = 25 °C
T = - 40 °C
0
1
4
5
ilh1510at_05
- 40
- 60
- 20
0
20
40
60
80
- 40
- 20
Temperature (°C)
0
20
40
60
80
ilh1510at_06
1.08
1.04
1.12
1.16
1.2
1.24
- 40
- 20
0
Temperature (°C)
IL = 100 mA
20
40
60
80
ilh1510at_07
0
200
400
600
800
1000
Load Voltage (V)
T = - 40 °C
T = 25 °C
T = 85 °C
3
2
4
5
0
1
ilh1510at_08
- 15
0
15
30
45
- 40
Temperature (°C)
IF = 5 mA
- 20
020
40
60
80
- 30
- 45
T = 5 ms
VL = 4 V
ilh1510at_09
- 30
- 20
- 10
0
10
20
30
- 40
- 20
0
20
40
60
80
Temperature (°C)
IF = 5 mA
T = 5 ms
VL = 5 V


Similar Part No. - LH1510AAB_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AABTR VISHAY-LH1510AABTR Datasheet
180Kb / 10P
   1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1510AABTR VISHAY-LH1510AABTR Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 05-Jul-2018
LH1510AABTR VISHAY-LH1510AABTR Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1510AABTR VISHAY-LH1510AABTR Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1510AAB VISHAY-LH1510AAB_V01 Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results

Similar Description - LH1510AAB_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com