Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1501BT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1501BT
Description  1 Form B Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1501BT Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1501BT Datasheet HTML 1Page - Vishay Siliconix LH1501BT Datasheet HTML 2Page - Vishay Siliconix LH1501BT Datasheet HTML 3Page - Vishay Siliconix LH1501BT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 83805
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.7, 20-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 Form B Solid State Relay
LH1501BAB, LH1501BABTR, LH1501BT
Vishay Semiconductors
DESCRIPTION
The LH1501 relays are SPST normally closed switches
(1 form B) that can replace electromechanical relays in many
applications. The relays are constructed as a multi-chip
hybrid device. Actuation control is via an infrared LED. The
output switch is a combination of a photodiode array with
MOSFET switches and control circuity. The relays can be
configured for AC/DC or DC only operation.
FEATURES
• Isolation test voltage 3750 VRMS
• Typical RON 20 
• Load voltage 350 V
• Clean bounce free switching
• Low power consumption
• SMD lead available on tape and reel
• Compliant to RoHS Directive 2002/95/EC and
in accordance to WEEE 2002/96/EC
APPLICATIONS
• General telecom switching
• Security equipment
• Instrumentation
• Industrial controls
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
S'
S'
4
65
12
3
S'
S
DC
i179041-2
DIP
SMD
AGENCY APPROVALS
UL1577: file no. E52744
CSA:
certification 093751
ORDERING INFORMATION
L
H
1501
B
#
#
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, CSA
SMD-6, tubes
LH1501BAB
SMD-6, tape and reel
LH1501BABTR
DIP-6, tubes
LH1501BT
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continuous forward current
IF
50
mA
LED reverse voltage
IR  10 μA
VR
5V
OUTPUT
DC or peak AC load voltage
IL  50 μA
VL
350
V
Continuous DC load current - bidirectional
IL
150
mA
Continuous DC load current - unidirectional
IL
200
mA
Peak load current (single shot)
t = 100 ms
IP
350
mA
SSR
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Pin soldering temperature (1)
t = 10 s max.
Tsld
260
°C
Input to output isolation voltage
t = 1 s, IISO = 10 μA max.
VISO
3750
VRMS
Output power dissipation (continuous)
Pdiss
550
mW
> 0.1 mm
7.62 mm
DIP
SMD


Similar Part No. - LH1501BT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
LH1501BT VISHAY-LH1501BT Datasheet
184Kb / 6P
   1 Form B Solid State Relay
Rev. 1.8, 13-Oct-2020
LH1501BT VISHAY-LH1501BT Datasheet
183Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
More results

Similar Description - LH1501BT

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
   1 Form B Solid State Relay
AD6C332 SSOUSA-AD6C332 Datasheet
202Kb / 5P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BA VISHAY-LH1501BA Datasheet
184Kb / 6P
   1 Form B Solid State Relay
Rev. 1.8, 13-Oct-2020
LH1501BAB VISHAY-LH1501BAB_V01 Datasheet
183Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com