Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A919 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-A919
Description  Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A919 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-A919 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A919 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A919 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-A919 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS 116
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Test circuit for reverse recovery time
Pulse generator:
tp = 5 µs, D = 0.05
Oscillograph:
R = 50
tr = 0.6 ns, Rj = 50
tr = 0.35 ns
C
1pF
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Breakdown voltage
I(BR) = 100
µA
V(BR)
75
nA
Reverse current
VR = 75 V
VR = 75 V, TA = 150 ˚C
IR
5
80
AC characteristics
µs
Reverse recovery time
IF = 10 mA, IR = 10 mA, RL = 100
measured at IR = 1 mA
trr
0.5
3
mV
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
VF
900
1000
1100
1250
pF
Diode capacitance
VR = 0 V, f = 1 MHz
CD
–2–


Similar Part No. - Q62702-A919

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A918 SIEMENS-Q62702-A918 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
More results

Similar Description - Q62702-A919

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV170 SIEMENS-BAV170 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
Rohm
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
   Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
   Switching Diode (Low leakage)
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
   Switching Diode (Low leakage)
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
   Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
   Low leakage switching diode
Rev. 3 - 31 May 2011
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
   Low Leakage Switching Diode
August, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com