Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUX81 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX81
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX81 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX81 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX81 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUX81 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUX81
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; L=25mH
450
V
VCEsat-1
Collector-emitter saturation voltage
IC=5 A;IB=1 A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=8 A;IB=2.5 A
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=5 A;IB=1 A
1.4
V
VBEsat-2
Base-emitter saturation voltage
IC=8 A;IB=2.5 A
1.8
V
ICES
Collector cut-off current
VCE=1000V;VBE=0
TC=125℃
1.0
3.0
mA
IEBO
Emitter cut-off current
VEB=10V; IC=0
10
mA
hFE
DC current gain
IC=1.2A ; VCE=5V
20
fT
Transition frequency
IC=0.5A ; VCE=10V
8
MHz
COB
Output capacitance
IE=0 ; VCB=20V;f=0.1MHz
105
pF
Switching times
ton
Turn-on time
0.5
μs
ts
Storage time
3.5
μs
tf
Fall time
IC=5A ;IB1=1A; IB2=-2A
VCC=250V
0.8
μs


Similar Part No. - BUX81

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUX81 TI-BUX81 Datasheet
195Kb / 6P
[Old version datasheet]   N-P-N SILICON POWER TRANSISTORS
logo
Seme LAB
BUX81 SEME-LAB-BUX81 Datasheet
20Kb / 2P
   HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
logo
Savantic, Inc.
BUX81 SAVANTIC-BUX81 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BUX81 ETC2-BUX81 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BUX81

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com