Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR65-03 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAR65-03
Description  Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR65-03 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAR65-03 Datasheet HTML 1Page - Siemens Semiconductor Group BAR65-03 Datasheet HTML 2Page - Siemens Semiconductor Group BAR65-03 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
Mar-04-1996
3
BAR 65-03W
Forward current
IF = f (VF)
400
500
600
700
800
mV
1000
V
F
-1
10
0
10
1
10
2
10
3
10
mA
I
F
Forward resistance
rf = f(IF)
f = 100MHz
10
-1
10
0
mA
I
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
3.0
R
F
Diode capacitance
CT = f (VR)
f = 1MHz
0
1
2
3
4
5
6
7
8
V
10
V
R
0.2
0.3
0.4
0.5
0.6
0.7
0.8
pF
1.0
C
T
Diode capacitance
CT = f (VR)
f = 100MHz
0
1
2
3
4
5
6
7
8
V
10
V
R
0.2
0.3
0.4
0.5
0.6
0.7
0.8
pF
1.0
C
T


Similar Part No. - BAR65-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR65-03W INFINEON-BAR65-03W Datasheet
464Kb / 8P
   Silicon PIN Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR65-03W KEXIN-BAR65-03W Datasheet
33Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR65-03W INFINEON-BAR65-03W Datasheet
119Kb / 12P
   Silicon PIN Diode
2007-04-19
BAR65-03W INFINEON-BAR65-03W Datasheet
981Kb / 12P
   Silicon PIN Diode
2011-06-14
More results

Similar Description - BAR65-03

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR65-02W SIEMENS-BAR65-02W Datasheet
14Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
BA892 SIEMENS-BA892 Datasheet
15Kb / 3P
   Silicon Rf Switching Diode Preliminary data
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB555 SIEMENS-BB555 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
logo
Infineon Technologies A...
BA592E6327 INFINEON-BA592E6327 Datasheet
976Kb / 11P
   Silicon RF Switching Diode ??For band switching in TV/VTR
2011-07-21
logo
Siemens Semiconductor G...
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB669 SIEMENS-BB669 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com