Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


WPB4002 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. WPB4002
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
WPB4002
No. A1769-4/5
Total Gate Charge, Qg -- nC
VGS -- Qg
A S O
PD -- Tc
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
Ambient Temperature, Ta --
°C
PD -- Ta
Ambient Temperature, Ta --
°C
IT10478
0
0
20
40
60
80
100
120
3.0
2.5
140
160
2.0
1.5
1.0
0.5
IT155692
IT15691
0.1
2
1.0
3
5
7
2
0.1
10
μs
10ms
1.0
10
100
1000
23 5 7
23 5 7
7
23 5
2 3 5 7
100
3
5
7
2
Operation in
this area is
limited by RDS(on).
IDP=80A (PW≤10μs)
2
10
3
5
7
IT15693
0
0
20
40
60
80
100
140
120
50
250
200
220
150
100
160
IT15690
0
0
1
2
3
4
5
6
7
8
90
10
9
40
80
20
60
30
70
10
50
VDS=200V
ID=23A
100
μs
ID=23A
Tc=25
°C
Single pulse




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl