Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA25PB60PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # HFA25PB60PBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 25 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA25PB60PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  HFA25PB60PBF Datasheet HTML 1Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 2Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 3Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 4Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 5Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 6Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 7Page - Vishay Siliconix HFA25PB60PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94064
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA25PB60PbF
Vishay Semiconductors
HEXFRED®
Ultrafast Soft Recovery Diode, 25 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95253
Part marking information
www.vishay.com/doc?95255
1
-
Vishay Semiconductors product
2
-
HEXFRED® family
3
-
Electron irradiated
4
-
Current rating (25 = 25 A)
5
-
PB = TO-247AC modified
Device code
5
1
3
2
4
6
7
HF
VS-
A
25
PB
60
PbF
6
7
-
PbF = Lead (Pb)-free
-
Voltage rating: (60 = 600 V)


Similar Part No. - HFA25PB60PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25PB60PBF IRF-HFA25PB60PBF Datasheet
207Kb / 6P
   ultrafast, soft recovery diode
logo
Vishay Siliconix
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
203Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
More results

Similar Description - HFA25PB60PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA25TB60PBF VISHAY-HFA25TB60PBF_11 Datasheet
202Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 24-May-11
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
210Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 25-Jul-08
VS-HFA50PA60CPBF VISHAY-VS-HFA50PA60CPBF Datasheet
221Kb / 10P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25
Revision: 19-Aug-11
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com