Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA16TA60CPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA16TA60CPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16TA60CPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA16TA60CPBF Datasheet HTML 1Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 2Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 3Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 4Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 5Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 6Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 7Page - Vishay Siliconix HFA16TA60CPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94058
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 24-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA16TA60CPbF
Vishay Semiconductors
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 8 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
(Per Leg)
Fig. 6 - Typical Recovery Current vs. dIF/dt
(Per Leg)
Fig. 7 - Typical Stored Charge vs. dIF/dt
(Per Leg)
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
(Per Leg)
0
100
1000
dIF/dt (A/µs)
20
60
40
80
94058_05
I
F = 16 A
I
F = 8.0 A
I
F = 4.0 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
0
100
1000
dIF/dt (A/µs)
4
12
8
16
94058_06
20
I
F = 16 A
I
F = 8.0 A
I
F = 4.0 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
0
100
1000
dIF/dt (A/µs)
100
300
200
400
94058_07
500
I
F = 16 A
I
F = 8.0 A
I
F = 4.0 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
100
100
1000
dIF/dt (A/µs)
1000
10 000
I
F = 16 A
I
F = 8.0 A
I
F = 4.0 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C


Similar Part No. - HFA16TA60CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16TA60CPBF IRF-HFA16TA60CPBF Datasheet
194Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16TA60CPBF VISHAY-HFA16TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
More results

Similar Description - HFA16TA60CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA16PA60CPBF VISHAY-HFA16PA60CPBF_11 Datasheet
207Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 09-May-16
VS-HFA16PA120C-N3 VISHAY-VS-HFA16PA120C-N3 Datasheet
161Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
VS-HFA16PA60CPBF VISHAY-VS-HFA16PA60CPBF Datasheet
208Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 10-Jul-15
VS-HFA16PA120CPBF VISHAY-VS-HFA16PA120CPBF Datasheet
155Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 10-Jul-15
VS-HFA16TA60C-M3 VISHAY-VS-HFA16TA60C-M3_V01 Datasheet
215Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
VS-HFA16TA60CPBF VISHAY-VS-HFA16TA60CPBF_V01 Datasheet
173Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
08-Feb-17
VS-HFA16TA60CPBF VISHAY-VS-HFA16TA60CPBF Datasheet
215Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 04-May-16
VS-HFA16PA60C-N3 VISHAY-VS-HFA16PA60C-N3_V01 Datasheet
206Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com