Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA16PB120PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # HFA16PB120PBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16PB120PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  HFA16PB120PBF Datasheet HTML 1Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 2Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 3Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 4Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 5Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 6Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 7Page - Vishay Siliconix HFA16PB120PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 21-Jun-11
1
Document Number: 95253
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerance per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6)
P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
K
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
A
(6) ΦP
(Datum B)
ΦP1
D1 (4)
4
E1
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
0.10
A
C
M
M
Ø K
B
D
M
M


Similar Part No. - HFA16PB120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16PB120PBF IRF-HFA16PB120PBF Datasheet
176Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
169Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 30-Jul-08
HFA16PB120PBF VISHAY-HFA16PB120PBF Datasheet
171Kb / 7P
   Ultrafast Soft Recovery Diode, 16 A
Revision: 25-Jul-08
More results

Similar Description - HFA16PB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA16TB120PBF VISHAY-VS-HFA16TB120PBF Datasheet
168Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 18-Aug-11
VS-HFA16TB120SHM3 VISHAY-VS-HFA16TB120SHM3 Datasheet
151Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 28-Nov-14
VS-HFA16PB120HN3 VISHAY-VS-HFA16PB120HN3 Datasheet
157Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 05-Apr-16
VS-HFA16TB120SPBF VISHAY-VS-HFA16TB120SPBF Datasheet
165Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 26-Feb-16
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA32PA120CPBF VISHAY-HFA32PA120CPBF_11 Datasheet
157Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 23-May-11
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com