Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA16PA120CPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HFA16PA120CPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA16PA120CPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  HFA16PA120CPBF Datasheet HTML 1Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 2Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 3Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 4Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 5Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 6Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 7Page - Vishay Siliconix HFA16PA120CPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94055
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA16PA120CPbF
HEXFRED®
Ultrafast Soft Recovery Diode, 2 x 8 A
Vishay Semiconductors
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
10
4
VFM - Forward Voltage Drop (V)
100
02
68
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.1
1
10
100
0.01
0
VR - Reverse Voltage (V)
1200
300
600
900
1000
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
100
1
100
1
VR - Reverse Voltage (V)
10
1000
10 000
10
T
J = 25 °C
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
0.01
Single pulse
(thermal resistance)
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - HFA16PA120CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA16PA120CPBF IRF-HFA16PA120CPBF Datasheet
167Kb / 7P
   Ultrafast,Soft Recovery Diode
logo
Vishay Siliconix
HFA16PA120CPBF VISHAY-HFA16PA120CPBF Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 30-Jul-08
HFA16PA120CPBF VISHAY-HFA16PA120CPBF Datasheet
131Kb / 7P
   Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 25-Jul-08
More results

Similar Description - HFA16PA120CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 24-May-11
HFA16PA60CPBF VISHAY-HFA16PA60CPBF_11 Datasheet
207Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 09-May-16
VS-HFA16PA120C-N3 VISHAY-VS-HFA16PA120C-N3 Datasheet
161Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
VS-HFA16PA60CPBF VISHAY-VS-HFA16PA60CPBF Datasheet
208Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 10-Jul-15
VS-HFA16PA120CPBF VISHAY-VS-HFA16PA120CPBF Datasheet
155Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 10-Jul-15
VS-HFA16TA60C-M3 VISHAY-VS-HFA16TA60C-M3_V01 Datasheet
215Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
VS-HFA16TA60CPBF VISHAY-VS-HFA16TA60CPBF_V01 Datasheet
173Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
08-Feb-17
VS-HFA16TA60CPBF VISHAY-VS-HFA16TA60CPBF Datasheet
215Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 04-May-16
VS-HFA16PA60C-N3 VISHAY-VS-HFA16PA60C-N3_V01 Datasheet
206Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com