Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA15TB60-1TRLPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # HFA15TB60-1TRLPBF
Description  HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA15TB60-1TRLPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  HFA15TB60-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 8Page - Vishay Siliconix HFA15TB60-1TRLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95046
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D2PAK
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - HFA15TB60-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA15TB60-1 IRF-HFA15TB60-1 Datasheet
249Kb / 7P
   HEXFRED
logo
Vishay Siliconix
HFA15TB60-1 VISHAY-HFA15TB60-1 Datasheet
152Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 30-Jul-08
logo
Thinki Semiconductor Co...
HFA15TB60-1 THINKISEMI-HFA15TB60-1 Datasheet
3Mb / 3P
   15Amperes,600Volts Single Hyper Fast Soft Recovery Epitaxial Diode
logo
Vishay Siliconix
HFA15TB60-1PBF VISHAY-HFA15TB60-1PBF Datasheet
148Kb / 6P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 28-Jul-08
More results

Similar Description - HFA15TB60-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 15 A
Revision: 16-May-11
VS-HFA15TB60S-M3 VISHAY-VS-HFA15TB60S-M3 Datasheet
241Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 15 A
Revision: 27-Oct-17
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com