Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA15PB60PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA15PB60PBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 15 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA15PB60PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA15PB60PBF_11 Datasheet HTML 1Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 2Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 3Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 4Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 5Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 6Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 7Page - Vishay Siliconix HFA15PB60PBF_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94052
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 16-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-HFA15PB60PbF
Vishay Semiconductors
HEXFRED®
Ultrafast Soft Recovery Diode, 15 A
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
80
40
0
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
60
20
100
I
F = 30 A
I
F = 15 A
I
F = 5 A
20
15
0
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
5
10
25
I
F = 30 A
I
F = 15 A
I
F = 5 A
800
0
100
1000
dIF/dt (A/µs)
600
I
F = 30 A
I
F = 15 A
I
F = 5 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
200
400
10 000
1000
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
100
I
F = 30 A
I
F = 15 A
I
F = 5 A


Similar Part No. - HFA15PB60PBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA15PB60PBF IRF-HFA15PB60PBF Datasheet
216Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA15PB60PBF VISHAY-HFA15PB60PBF Datasheet
152Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 30-Jul-08
HFA15PB60PBF VISHAY-HFA15PB60PBF Datasheet
153Kb / 7P
   Ultrafast Soft Recovery Diode, 15 A
Revision: 25-Jul-08
More results

Similar Description - HFA15PB60PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA15TB60SPBF VISHAY-HFA15TB60SPBF_11 Datasheet
216Kb / 9P
   HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Revision: 10-Jun-11
VS-HFA15TB60S-M3 VISHAY-VS-HFA15TB60S-M3 Datasheet
241Kb / 6P
   HEXFRED® , Ultrafast Soft Recovery Diode, 15 A
Revision: 27-Oct-17
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com