Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR63-W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAR63-W
Description  Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR63-W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAR63-W Datasheet HTML 1Page - Siemens Semiconductor Group BAR63-W Datasheet HTML 2Page - Siemens Semiconductor Group BAR63-W Datasheet HTML 3Page - Siemens Semiconductor Group BAR63-W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR 63 ... W
Semiconductor Group
Sep-07-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Unit
Parameter
Values
Symbol
min.
max.
typ.
DC characteristics
-
50
V(BR)
Breakdown voltage
I(BR) = 5 µA
V
-
50
Reverse current
VR = 20 V
IR
µA
-
-
1.2
Forward voltage
IF = 100 mA
-
VF
mV
0.95
AC characteristics
-
0.3
pF
0.3
0.21
CT
-
-
Diode capacitance
VR = 0 V, f = 100 MHz
VR = 5 V, f = 1 MHz
2
-
1.2
1
Forward resistance
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
-
-
rf
-
Charge carrier life time
IF = 10 mA, IR = 6 mA, IR = 3 mA
τ
rr
µs
75
-
-
Series inductance
-
Ls
nH
1.4
Semiconductor Group
2
1998-11-01


Similar Part No. - BAR63-W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR63-02L INFINEON-BAR63-02L Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-02L INFINEON-BAR63-02L Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-02L INFINEON-BAR63-02L Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-02L INFINEON-BAR63-02L Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-02V INFINEON-BAR63-02V Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
More results

Similar Description - BAR63-W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
logo
Siemens Semiconductor G...
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com