Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA06TB120PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # HFA06TB120PBF
Description  HEXFRED, Ultrafast Soft Recovery Diode, 6 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA06TB120PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  HFA06TB120PBF Datasheet HTML 1Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 2Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 3Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 4Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 5Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 6Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 7Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95221
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 07-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-220AC
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured
at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and E1
(7) Dimension E2 x H1 define a zone where stamping and singulation irregularities are allowed
(8) Outline conforms to JEDEC TO-220, D2 (minimum) where dimensions are derived from the actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
E1
6.86
8.89
0.270
0.350
6
A1
1.14
1.40
0.045
0.055
E2
-
0.76
-
0.030
7
A2
2.56
2.92
0.101
0.115
e
2.41
2.67
0.095
0.105
b
0.69
1.01
0.027
0.040
e1
4.88
5.28
0.192
0.208
b1
0.38
0.97
0.015
0.038
4
H1
6.09
6.48
0.240
0.255
6, 7
b2
1.20
1.73
0.047
0.068
L
13.52
14.02
0.532
0.552
b3
1.14
1.73
0.045
0.068
4
L1
3.32
3.82
0.131
0.150
2
c
0.36
0.61
0.014
0.024
L3
1.78
2.13
0.070
0.084
c1
0.36
0.56
0.014
0.022
4
L4
0.76
1.27
0.030
0.050
2
D
14.85
15.25
0.585
0.600
3
Ø P
3.54
3.73
0.139
0.147
D1
8.38
9.02
0.330
0.355
Q
2.60
3.00
0.102
0.118
D2
11.68
12.88
0.460
0.507
6
90° to 93°
90° to 93°
E
10.11
10.51
0.398
0.414
3, 6
13
2
D
D1
H1
Q
Detail B
C
A
B
L
e1
Lead tip
L4
L3
E
E2
Ø P
0.015
A
B
MM
0.014
A
B
MM
Seating
plane
c
A2
A1
A
A
A
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220AC
(6)
(6)
(7)
(6)
(7)
View A - A
θ
E1
(6)
D2
(6)
H1
Thermal pad
E
Detail B
D
L1
D
12
3
C
C
2 x b2
2 x b


Similar Part No. - HFA06TB120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
logo
International Rectifier
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
153Kb / 7P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA06TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06PB120PBF VISHAY-HFA06PB120PBF_11 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 6 A
Revision: 23-May-11
HFA12PA120CPBF VISHAY-HFA12PA120CPBF_11 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 23-May-11
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 15 A
Revision: 16-May-11
HFA15TB60SPBF VISHAY-HFA15TB60SPBF_11 Datasheet
216Kb / 9P
   HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Revision: 10-Jun-11
logo
International Rectifier
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com