Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA04TB60SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA04TB60SPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 4 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA04TB60SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA04TB60SPBF_10 Datasheet HTML 1Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 2Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 3Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 4Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 5Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 6Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 7Page - Vishay Siliconix HFA04TB60SPBF_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94036
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 19-Feb-10
1
HEXFRED®
Ultrafast Soft Recovery Diode, 4 A
VS-HFA04TB60SPbF
Vishay High Power Products
FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21
definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
VS-HFA04TB60S is a state of the art ultrafast recovery
diode. Employing the latest in epitaxial construction and
advanced processing techniques it features a superb
combination of characteristics which result in performance
which is unsurpassed by any rectifier previously available.
With basic ratings of 600 V and 4 A continuous current, the
VS-HFA04TB60S is especially well suited for use as the
companion diode for IGBTs and MOSFETs. In addition to
ultrafast recovery time, the HEXFRED® product line features
extremely low values of peak recovery current (IRRM) and
does not exhibit any tendency to “snap-off” during the
tb portion of recovery. The HEXFRED features combine to
offer designers a rectifier with lower noise and significantly
lower switching losses in both the diode and the switching
transistor. These HEXFRED advantages can help to
significantly reduce snubbing, component count and
heatsink sizes. The HEXFRED VS-HFA04TB60S is ideally
suited for applications in power supplies and power
conversion systems (such as inverters), motor drives, and
many other similar applications where high speed, high
efficiency is needed.
PRODUCT SUMMARY
VR
600 V
VF at 4 A at 25 °C
1.8 V
IF(AV)
4 A
trr (typical)
17 ns
TJ (maximum)
150 °C
Qrr at 125 °C
40 nC
dI(rec)M/dt at 125 °C
280 A/μs
D2PAK
Anode
1
3
2
N/C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
600
V
Maximum continuous forward current
IF
TC = 100 °C
4
A
Single pulse forward current
IFSM
25
Maximum repetitive forward current
IFRM
16
Maximum power dissipation
PD
TC = 25 °C
25
W
TC = 100 °C
10
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C


Similar Part No. - HFA04TB60SPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
More results

Similar Description - HFA04TB60SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
HFA04SD60SPBF VISHAY-HFA04SD60SPBF_11 Datasheet
139Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 14-Jun-11
VS-HFA04SD60SPBF VISHAY-VS-HFA04SD60SPBF Datasheet
156Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 4 A
Revision: 10-Jul-15
VS-HFA04TB60SPBF VISHAY-VS-HFA04TB60SPBF Datasheet
161Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Feb-16
VS-HFA04SD60SHM3 VISHAY-VS-HFA04SD60SHM3 Datasheet
122Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 15-Jul-15
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com