Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSOT03C-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSOT03C-GS08
Description  Two-Line ESD-Protection in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03C-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSOT03C-GS08 Datasheet HTML 1Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 2Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 3Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 4Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 5Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 6Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 7Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 8Page - Vishay Siliconix GSOT03C-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85824
2
Rev. 2.0, 22-Jul-10
GSOT03C to GSOT36C
Vishay Semiconductors Two-Line ESD-Protection in SOT-23
PACKAGE DATA
DEVICE
NAME
PACKAGE
NAME
TYPE
CODE
ENVIRONMENTAL
STATUS
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
GSOT03C
SOT-23
03C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C1G
Green
8.1 mg
GSOT04C
SOT-23
04C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C8G
Green
8.1 mg
GSOT05C
SOT-23
05C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C2C
Green
8.1 mg
GSOT08C
SOT-23
08C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C3G
Green
8.1 mg
GSOT12C
SOT-23
12C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C4G
Green
8.1 mg
GSOT15C
SOT-23
15C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C5G
Green
8.1 mg
GSOT24C
SOT-23
24C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C6G
Green
8.1 mg
GSOT36C
SOT-23
36C
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
C7G
Green
8.1 mg
ABSOLUTE MAXIMUM RATINGS GSOT03C
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 1 to 3 or pin 2 to 3
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Pin 1 to 2 or pin 2 to 1; pin 3 not connected
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
30
A
Peak pulse power
Pin 1 to 3 or pin 2 to 3
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
369
W
Pin 1 to 2 or pin 2 to 1; pin 3 not connected
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
504
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS GSOT04C
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 1 to 3 or pin 2 to 3
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Pin 1 to 2 or pin 2 to 1; pin 3 not connected
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
30
A
Peak pulse power
Pin 1 to 3 or pin 2 to 3
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
429
W
Pin 1 to 2 or pin 2 to 1; pin 3 not connected
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
564
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C


Similar Part No. - GSOT03C-GS08

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
GSOT03C-E3-08 UMW-GSOT03C-E3-08 Datasheet
382Kb / 13P
   Two-line ESD protection device
logo
Vishay Siliconix
GSOT03C-HT3 VISHAY-GSOT03C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
More results

Similar Description - GSOT03C-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
   Single-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
GSOT03C-HT3 VISHAY-GSOT03C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com