Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSOT24C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # GSOT24C
Description  Two-Line ESD-Protection in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT24C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button GSOT24C Datasheet HTML 3Page - Vishay Siliconix GSOT24C Datasheet HTML 4Page - Vishay Siliconix GSOT24C Datasheet HTML 5Page - Vishay Siliconix GSOT24C Datasheet HTML 6Page - Vishay Siliconix GSOT24C Datasheet HTML 7Page - Vishay Siliconix GSOT24C Datasheet HTML 8Page - Vishay Siliconix GSOT24C Datasheet HTML 9Page - Vishay Siliconix GSOT24C Datasheet HTML 10Page - Vishay Siliconix GSOT24C Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 85824
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
7
GSOT03C to GSOT36C
Two-Line ESD-Protection in SOT-23 Vishay Semiconductors
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 3 or pin 2 to 3)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 3 or pin 2 to 3)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 3 or pin 2 to 3)
BiSy-MODE (1-line bidirectional symmetrical protection mode)
If a bipolar symmetrical protection device is needed the GSOTxxC can also be used as a single line protection device. Therefore
pin 1 has to be connected to the signal- or data-line (L1) and pin 2 to ground (or vice versa). Pin 3 must not be connected.
Positive and negative voltage transients will be clamped in the same way. The clamping current through the GSOTxxC passes
one diode in forward direction and the other one in reverse direction. The clamping voltage (VC) is defined by the breakthrough
voltage (VBR) level of one diode plus the forward voltage of the other diode plus the voltage drop at the series impedances
(resistances and inductances) of the protection device.
Due to the same clamping levels in positive and negative direction the GSOTxxC voltage clamping behaviour is bidirectional
and symmetrical (BiSy).
ELECTRICAL CHARACTERISTICS GSOT15C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
2
lines
Reverse working voltage
at IR = 1 μA
VRWM
15
-
-
V
Reverse current
at VR = 15 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
16.5
18
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
19.4
23.5
V
at IPP = IPPM = 8 A
-
24.8
28.8
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 8 A
-
1.8
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
90
120
pF
at VR = 7.5 V; f = 1 MHz
-
35
-
pF
ELECTRICAL CHARACTERISTICS GSOT24C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
2
lines
Reverse working voltage
at IR = 1 μA
VRWM
24
-
-
V
Reverse current
at VR = 24 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
27
30
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-34
41
V
at IPP = IPPM = 5 A
-
41
47
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 5 A
-
1.4
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-65
80
pF
at VR = 12 V; f = 1 MHz
-
20
-
pF
ELECTRICAL CHARACTERISTICS GSOT36C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
2
lines
Reverse working voltage
at IR = 1 μA
VRWM
36
-
-
V
Reverse current
at VR = 36 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
39
43
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-49
60
V
at IPP = IPPM = 3.5 A
-
59
71
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 3.5 A
-
1.3
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-52
65
pF
at VR = 18 V; f = 1 MHz
-
12
-
pF


Similar Part No. - GSOT24C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT24C VISHAY-GSOT24C Datasheet
103Kb / 4P
   ESD Protection Diode
Rev. 1, 02-Jun-03
logo
Guangdong Youtai Semico...
GSOT24C-E3-08 UMW-GSOT24C-E3-08 Datasheet
382Kb / 13P
   Two-line ESD protection device
logo
Vishay Siliconix
GSOT24C-HT3 VISHAY-GSOT24C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
More results

Similar Description - GSOT24C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
   Single-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
GSOT03C-HT3 VISHAY-GSOT03C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com