Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSOT24 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GSOT24
Description  Single-Line ESD-Protection in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT24 Datasheet(HTML) 5 Page - Vishay Siliconix

  GSOT24 Datasheet HTML 1Page - Vishay Siliconix GSOT24 Datasheet HTML 2Page - Vishay Siliconix GSOT24 Datasheet HTML 3Page - Vishay Siliconix GSOT24 Datasheet HTML 4Page - Vishay Siliconix GSOT24 Datasheet HTML 5Page - Vishay Siliconix GSOT24 Datasheet HTML 6Page - Vishay Siliconix GSOT24 Datasheet HTML 7Page - Vishay Siliconix GSOT24 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
5
GSOT03 to GSOT36
Single-Line ESD-Protection in
SOT-23
Vishay Semiconductors
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
ELECTRICAL CHARACTERISTICS GSOT04
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 20 μA
VRWM
4-
-
V
Reverse current
at VR = 4 V
IR
-
-
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
56.1
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7.5
9
V
at IPP = IPPM = 30 A
-
11.2
14.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
310
450
pF
at VR = 2 V; f = 1 MHz
-
200
-
pF
ELECTRICAL CHARACTERISTICS GSOT05
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 10 μA
VRWM
5-
-
V
Reverse current
at VR = 5 V
IR
-
-
10
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
66.8
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7
8.7
V
at IPP = IPPM = 30 A
-
12
16
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
260
350
pF
at VR = 2.5 V; f = 1 MHz
-
150
-
pF
ELECTRICAL CHARACTERISTICS GSOT08
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 5 μA
VRWM
8-
-
V
Reverse current
at VR = 8 V
IR
--
5
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
910
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
10.7
13
V
at IPP = IPPM = 18 A
-
15.2
19.2
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 18 A
-
3
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
160
250
pF
at VR = 4 V; f = 1 MHz
-
80
-
pF


Similar Part No. - GSOT24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT24 VISHAY-GSOT24 Datasheet
102Kb / 4P
   ESD Protection Diode
Rev. 2, 02-Jun-03
GSOT24-HT3 VISHAY-GSOT24-HT3 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT24-HT3-GS08 VISHAY-GSOT24-HT3-GS08 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT24C VISHAY-GSOT24C Datasheet
103Kb / 4P
   ESD Protection Diode
Rev. 1, 02-Jun-03
GSOT24C VISHAY-GSOT24C Datasheet
185Kb / 12P
   Two-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
More results

Similar Description - GSOT24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03C VISHAY-GSOT03C_10 Datasheet
185Kb / 12P
   Two-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
VCAN33A2-03S VISHAY-VCAN33A2-03S_V01 Datasheet
125Kb / 6P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com