Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-GX9F12.5-32.768 Datasheet(PDF) 1 Page - ILSI America LLC

Part # 26-GX9F12.5-32.768
Description  2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

26-GX9F12.5-32.768 Datasheet(HTML) 1 Page - ILSI America LLC

  26-GX9F12.5-32.768 Datasheet HTML 1Page - ILSI America LLC 26-GX9F12.5-32.768 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
38 / 26 / 15 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09
Specifications subject to change without notice
Page 1
Lead Dia. = 0.25
Lead Dia. = 0.35
Lead Dia. = 0.2
38
26
15
0.45
4.0 Min.
5.1 Max.
1.5 Max.
0.7
4.0 Min.
6.1 Max.
2.1 Max.
1.2
9.0 Min.
8.0 Max.
3.1
Max.
Dimension Units: mm
Product Features:
Applications:
Small Package Option
Real Time Clocks
Compatible with Leadfree Processing
Metering
Low Cost
Industrial Control
Time Reference
Typical X Cut Tem perature Coefficient
-180
-150
-120
-90
-60
-30
0
-40
-30
-20
-10
0
1020304050607080
Tem perature
Frequency
30 kHz to 192.000 kHz (15 package only available at 32.768
kHz)
ESR (Equivalent Series Resistance)
30 kHz – 31.9 kHz
32 kHz – 39.9 kHz
40 kHz – 59.9 kHz
60 kHz – 99.9 kHz
100 kHz – 192 kHz
15 Package (32.768khz Only)
26 Package
38 Package
40 kMax.
40 kMax.
30 kMax.
35 kMax.
30 kMax.
30 kMax.
30 kMax.
25 kMax.
25 kMax.
20 kMax.
20 kMax.
Shunt Capacitance (C0)
0.8 pF to 1.7 pF Typical
Frequency Tolerance @ 25
° C
±20 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
Parabolic -0.034 ppm /
° C2 Typical. Inflection point approx. 27°
C., See Table Below
Crystal Cut
X cut
Load Capacitance
12.5 pF Standard
Drive Level
1 µW Max.
Aging
±5 ppm Max. / Year Standard
Temperature
Operating
-40
° C to +85° C Standard (see Part Number Guide for more
options)
Storage
-40
° C to +85° C Standard
Part Number Guide
Sample Part Number:
26-HX1F12.5 – 32.768 kHz
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
38 -
(3 mm X 8 mm)
26 -
(2 mm X 6 mm)
15 -
(1 mm X 5 mm)
B = ±50 ppm
X = X Cut
0 = 0°C to +50°C
F = Fundamental
12.5 pF Standard.
- 32.768 kHz
F = ±30 ppm
1 = 0°C to +70°C
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
5 = -40°C to +85°C
J = ±10 ppm
9 = -10°C to +50°C


Similar Part No. - 26-GX9F12.5-32.768

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
26-002-171PTLHT ARIES-26-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
26-002-172PTLHT ARIES-26-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
26-002-173PTLHT ARIES-26-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
26-002.125-171PTLHT ARIES-26-002.125-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
26-002.125-172PTLHT ARIES-26-002.125-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 26-GX9F12.5-32.768

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49U ILSI-HC49U Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
HC49US ILSI-HC49US Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com