Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SFT1431 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. SFT1431
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
SFT1431
No. A1624-3/4
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
IS -- VSD
100
1000
3
2
3
7
5
7
5
2
10
3
100
7
5
7
3
2
3
5
2
10
75
70
65
60
55
50
45
40
35
30
25
15
20
1
2468
16
14
12
10
3579
15
13
11
IT15241
035
30
25
20
510
15
IT15246
IT15244
IT15243
1.2
1.0
0.4
0.2
0.8
0.6
0
0.001
0.1
5
7
3
2
3
2
2
10
5
7
3
2
1.0
5
7
3
0.01
2
5
7
3
3
1.0
3
2
7
5
7
5
10
2
1.0
0.1
23
5
7
23
2
3
10
57
Tc=
--25
°C
75°
C
25°
C
VDS=10V
f=1MHz
Coss
Ciss
Crss
IT15245
0.1
23
23
5
7 1.0
23
5
7 10
td(off)
tf
td(on)
t r
VDD=15V
VGS=10V
3
ID=5.5A
0
2
8
6
4
10
20
18
16
14
12
0
IT15240
0.5
1.5
2.0
1.0
2.5
4.0
3.5
3.0
0
VDS=10V
Single pulse
IT15239
0
0.2
0.1
0.3
0.4
0.5
0.6
0.7
0.9
0.8
1.0
0
11
9
7
5
3
2
10
8
6
4
1
VGS=3.0V
3.5V
3A
IT15242
--50
--25
150
0
25
50
75
100
125
0
55
5
40
30
10
15
45
25
20
35
50
VGS
=4.5V
, ID
=3.0A
VGS
=10.0V
, ID=5.5A
VGS
=4.0,
ID=3.0A
Tc=25
°C
Single pulse
Single pulse
Tc=25
°C
Single pulse
VGS=0V
Single pulse




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl