Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SFT1431 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. SFT1431
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
SFT1431
No. A1624-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input Capacitance
Ciss
VDS=20V, f=1MHz
960
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
130
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
84
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
12
ns
Rise Time
tr
See specified Test Circuit.
40
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
60
ns
Fall Time
tf
See specified Test Circuit.
36
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=11A
17.3
nC
Gate-to-Source Charge
Qgs
VDS=20V, VGS=10V, ID=11A
3.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=20V, VGS=10V, ID=11A
3.6
nC
Diode Forward Voltage
VSD
IS=11A, VGS=0V
0.88
1.2
V
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
7518-004
7003-004
Switching Time Test Circuit
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 t o 0.2
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TP-FA
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=5.5A
RL=2.7Ω
VDD=15V
VOUT
VIN
10V
0V
VIN
SFT1431




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl