Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1350 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SFT1350
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SFT1350 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SFT1350 Datasheet HTML 1Page - Sanyo Semicon Device SFT1350 Datasheet HTML 2Page - Sanyo Semicon Device SFT1350 Datasheet HTML 3Page - Sanyo Semicon Device SFT1350 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SFT1350
No. A1874-3/4
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
IT16065
--0.1
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
--0.1
10
μs
100
μs
10ms
1ms
DC
operation
--1.0
--10
--100
2
3
57
2
3
57
2
3
57
--10
2
3
5
7
--100
--1000
Operation in
this area is
limited by RDS(on).
ID= --19A
IT116064
0
--2
--4
--6
--8
--10
012
10
8
246
IDP= --76A (PW≤10μs)
VDS= --20V
ID= --19A
100ms
Tc=25
°C
Single pulse
IT16068
--60 --40 --20
0
20
40
60
80
100
140
120
160
160
140
120
100
80
60
40
20
0
VGS
= --10.0V
, ID
= --9.5A
V GS
= --4.5V
, I D
= --
5.0A
IT16071
IT16072
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--0.001
--0.01
--10
--100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
--1.0
7
5
3
2
--0.1
VGS=0V
0
300
250
200
150
100
50
0
--2
--16
--6
--14
--10
--4
--8
--12
Tc=25
°C
ID= --5A
IT16073
10
1.0
100
1000
3
2
2
5
7
3
2
5
7
7
3
5
--0.1
--1.0
--10
--100
23
5 7
23
5 7
23
5 7
VDD= --20V
VGS= --10V
td(off)
tr
td(on)
0
100
10
1000
7
5
3
3
2
7
5
2
--20
--15
--40
--10
--5
--35
--25
--30
IT16074
f=1MHz
Ciss
Coss
Crss
tf
--9.5A
IS -- VSD
IT16109
--0.1
23
5
--1.0
--100
23
5 7
--10
23
5 7
7
1.0
0.1
10
100
5
7
2
3
2
2
3
5
3
7
7
5
VDS= --10V
Tc=
--25
°C
75°
C
25°
C


Similar Part No. - SFT1350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1350 ONSEMI-SFT1350 Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
logo
SHENZHEN DOINGTER SEMIC...
SFT1350-E DOINGTER-SFT1350-E Datasheet
1,016Kb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
SFT1350-H ONSEMI-SFT1350-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
logo
VBsemi Electronics Co.,...
SFT1350-TL-H VBSEMI-SFT1350-TL-H Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - SFT1350

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com