Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA585 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BA585
Description  Silicon PIN Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA585 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BA585 Datasheet HTML 1Page - Siemens Semiconductor Group BA585 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BA 585
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Parameter
Symbol
min.
typ.
Unit
Values
max.
Forward voltage
IF = 50 mA
VF
V
1.1
Reverse current
VR = 30 V
IR
nA
––50
Diode capacitance
f = 1 MHz, VR = 10 V
f= 100 MHz, VR = 0 V
CT
pF
0.28
0.23
0.6
0.4
Forward resistance
f = 100 MHz
IF = 1.5 mA
IF = 10 mA
rf
22
5
40
7
Zero bias conductance
f = 100 MHz, VR = 0 V
gp
µS
–70
Series inductance
LS
nH
2.8
Diode capacitance CT = f (VR)
f = 1 MHz / f = 100 MHz
Forward resistance rf = f (IF)
f = 100 MHz


Similar Part No. - BA585

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5800A SAFT-BA5800A Datasheet
228Kb / 2P
   Li-SO2 primary battery system
logo
List of Unclassifed Man...
BA5801FS ETC-BA5801FS Datasheet
45Kb / 2P
   6-channel Driver with 3.3V Regulator
logo
Rohm
BA5810FM ROHM-BA5810FM Datasheet
115Kb / 9P
   CD / CD-ROM ?ⓦ깋?⒲궎?륤C
BA5810FM-E2 ROHM-BA5810FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5810FP ROHM-BA5810FP Datasheet
115Kb / 9P
   CD / CD-ROM ?ⓦ깋?⒲궎?륤C
More results

Similar Description - BA585

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com