Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU207 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU207
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU207 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU207 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU207 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU207
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
600
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 2A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 2A
1.5
V
ICES
Collector Cutoff Current
VCE= 1300V; VBE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5.0V; IC= 0
10
mA
hFE
DC Current Gain
IC= 4.5A; VCE= 5V
2.25
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
125
pF
fT
Current-Gain—Bandwidth Product
IC= 0.1A; VCE= 5V; ftest= 1MHz
4
MHz
tf
Fall Time
IC= 4.5A; IB= 1.8A; LB= 10μH
1.0
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BU207

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU207 MOSPEC-BU207 Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Seme LAB
BU207 SEME-LAB-BU207 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BU207 NJSEMI-BU207 Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
More results

Similar Description - BU207

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com