Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12-600B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA12-600B
Description  Triacs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA12-600B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA12-600B Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triacs
INCHANGE
BTA12-600B
Features
・With TO-220AB Insulated package
・Suitable for general purpose AC switching,
which can be used as an ON/OFF function in
applications such as static relays, heating
regulation, induction motor starting circuits... or for
phase control operation in light dimmers, motor
speed controllers,etc.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(AV)
Average on-state current
12
A
ITSM
Non-repetitive peak on-state current
120
A
Tstg
Storage temperature
-45~150
Tj
Operating junction temperature
110
TO-220AB
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDRM
Repetitive peak off-state voltage
ID=0.1mA
600
V
VRRM
Repetitive peak reverse voltage
ID=0.5mA
600
V
VD =12V; RL = 100Ω
T2+ G+
25
T2+ G-
50
T2- G-
50
IGT
Gate trigger current
T2- G+
100
mA
VT
On-state voltage
IT=17A
1.55
V
IH
Holding current
IT=0.1A; IGT = 20m A
15
mA
VD =12V; RL = 100Ω
T2+ G+
1.5
T2+ G-
1.5
T2- G-
1.5
VGT
Gate trigger voltage
T2- G+
1.8
V


Similar Part No. - BTA12-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-600B STMICROELECTRONICS-BTA12-600B Datasheet
116Kb / 7P
   12A TRIACS
logo
SemiWell Semiconductor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
   Bi-Directional Triode Thyristor
logo
JIEJIE MICROELECTRONICS...
BTA12-600B JIEJIE-BTA12-600B Datasheet
514Kb / 5P
   12A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA12-600B TGS-BTA12-600B Datasheet
93Kb / 1P
   12A TRIACS
logo
Comset Semiconductor
BTA12-600B COMSET-BTA12-600B Datasheet
157Kb / 3P
   TRIAC
More results

Similar Description - BTA12-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com