Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT100-16JS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBT100-16JS
Description  160V, 10A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT100-16JS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBT100-16JS Datasheet HTML 1Page - Sanyo Semicon Device SBT100-16JS Datasheet HTML 2Page - Sanyo Semicon Device SBT100-16JS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBT100-16JS
No. A0442-3/3
PS
(4)
(3)
02
100
170
150
130
90
70
50
30
48
12
10
14
6
(2)
(1)
IT10966
2
100
2
3
3
5
2
5
7
35
7
10
23
5
7
100
1.0
f=100kHz
IT10967
Tc -- IO
Average Output Current, IO -- A
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine
wave
C -- VR
Reverse Voltage, VR -- V
23
7
0.001
3
5
7
1.0
2
3
5
7
10
2
52 3
7
52 3
7
52
2
37
5
0.01
0.1
1.0
10
ID01058
Rth(j-c) -- t
Time, t -- s
0.01
23
7
7
0.1
0
52
2
3
37 1.0
5
40
120
100
80
60
20
ID01041
IFSM -- t
Time, t -- s
IS
20ms
t
Current waveform 50Hz sine wave
This catalog provides information as of June, 2006. Specifications and information herein are subject
to change without notice.
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.


Similar Part No. - SBT100-16JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
More results

Similar Description - SBT100-16JS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,120-160V,80W)
logo
Sanyo Semicon Device
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
logo
Diodes Incorporated
10A01 DIODES-10A01_1 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
10A01 DIODES-10A01 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
10A01 DIODES-10A01_15 Datasheet
63Kb / 3P
   10A RECTIFIER
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
   160V MODULE
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com