Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26NM60N Datasheet(PDF) 3 Page - STMicroelectronics

Part # 26NM60N
Description  N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

26NM60N Datasheet(HTML) 3 Page - STMicroelectronics

  26NM60N Datasheet HTML 1Page - STMicroelectronics 26NM60N Datasheet HTML 2Page - STMicroelectronics 26NM60N Datasheet HTML 3Page - STMicroelectronics 26NM60N Datasheet HTML 4Page - STMicroelectronics 26NM60N Datasheet HTML 5Page - STMicroelectronics 26NM60N Datasheet HTML 6Page - STMicroelectronics 26NM60N Datasheet HTML 7Page - STMicroelectronics 26NM60N Datasheet HTML 8Page - STMicroelectronics 26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL26NM60N
Electrical ratings
Doc ID 18472 Rev 2
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
600
V
VGS
Gate-source voltage
± 25
V
ID
(1)
1.
The value is rated according to Rthj-case
Drain current (continuous) at TC = 25 °C
19
A
ID
(1)
Drain current (continuous) at TC = 100 °C
12
A
ID
(2)
2.
When mounted on FR-4 board of inch², 2oz Cu
Drain current (continuous) at Tamb = 25 °C
2.7
A
ID
(2)
Drain current (continuous) at Tamb = 100 °C
1.7
A
IDM
(2),(3)
Drain current (pulsed)
10.8
A
PTOT
(2)
Total dissipation at Tamb = 25 °C
3
W
PTOT
(1)
Total dissipation at TC = 25 °C
125
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
7.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
400
mJ
dv/dt (3)
3.
ISD ≤ 19 A, di/dt ≤ 400 A/µs, VDS peak≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.83
°C/W
Rthj-amb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-amb max
45
°C/W


Similar Part No. - 26NM60N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
26N50 UTC-26N50 Datasheet
187Kb / 6P
   26A, 500V N-CHANNEL POWER MOSFET
26N50G-T3P-T UTC-26N50G-T3P-T Datasheet
187Kb / 6P
   26A, 500V N-CHANNEL POWER MOSFET
26N50L-T3P-T UTC-26N50L-T3P-T Datasheet
187Kb / 6P
   26A, 500V N-CHANNEL POWER MOSFET
logo
IXYS Corporation
26N90 IXYS-26N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
logo
Semikron International
26NABI066V3 SEMIKRON-26NABI066V3 Datasheet
1Mb / 6P
   Three-phase bridge rectifier
More results

Similar Description - 26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL21N65M5 STMICROELECTRONICS-STL21N65M5 Datasheet
894Kb / 14P
   N-channel 650 V, 0.175 廓, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh??V Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
   N-channel 600 V, 0.094 廓 typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
July 2020
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com