Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL26NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL26NM60N
Description  N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL26NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL26NM60N Datasheet HTML 3Page - STMicroelectronics STL26NM60N Datasheet HTML 4Page - STMicroelectronics STL26NM60N Datasheet HTML 5Page - STMicroelectronics STL26NM60N Datasheet HTML 6Page - STMicroelectronics STL26NM60N Datasheet HTML 7Page - STMicroelectronics STL26NM60N Datasheet HTML 8Page - STMicroelectronics STL26NM60N Datasheet HTML 9Page - STMicroelectronics STL26NM60N Datasheet HTML 10Page - STMicroelectronics STL26NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STL26NM60N
Electrical characteristics
Doc ID 18472 Rev 2
7/14
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=480V
ID=19A
50
12
300
200
100
0
400
500
VDS
60
AM08990v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM03319v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100 125
ID=250µA
AM08991v1
RDS(on)
1.1
0.9
0.7
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
1.3
1.5
1.7
1.9
2.1
VGS=10V
ID=10A
AM08992v1
VSD
0
8
ISD(A)
(V)
4
20
12
16
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
1.4
AM08993v1


Similar Part No. - STL26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
STL26N65DM2 STMICROELECTRONICS-STL26N65DM2 Datasheet
385Kb / 15P
   N-channel 650 V, 0.182 typ., 20 A, MDmeshTM DM2 Power MOSFET in a PowerFLAT™ 8x8 HV package
July 2018 Rev 1
More results

Similar Description - STL26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL21N65M5 STMICROELECTRONICS-STL21N65M5 Datasheet
894Kb / 14P
   N-channel 650 V, 0.175 廓, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh??V Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
   N-channel 600 V, 0.094 廓 typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
July 2020
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com