Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB50NA120UX Datasheet(PDF) 7 Page - Vishay Siliconix

Part # GB50NA120UX
Description  "High Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GB50NA120UX Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button GB50NA120UX Datasheet HTML 2Page - Vishay Siliconix GB50NA120UX Datasheet HTML 3Page - Vishay Siliconix GB50NA120UX Datasheet HTML 4Page - Vishay Siliconix GB50NA120UX Datasheet HTML 5Page - Vishay Siliconix GB50NA120UX Datasheet HTML 6Page - Vishay Siliconix GB50NA120UX Datasheet HTML 7Page - Vishay Siliconix GB50NA120UX Datasheet HTML 8Page - Vishay Siliconix GB50NA120UX Datasheet HTML 9Page - Vishay Siliconix GB50NA120UX Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GB50NA120UX
"High Side Chopper" IGBT SOT-227
(Ultrafast IGBT), 50 A
Vishay Semiconductors
Document Number: 93101
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
Fig. 18a - Clamped Inductive Load Test Circuit
Fig. 18b - Pulsed Collector Current Test Circuit
Fig. 19a - Switching Loss Test Circuit
Fig. 19b - Switching Loss Waveforms Test Circuit
* Driver same type as D.U.T.; V
C = 80 % of Vce(max)
* Note: Due to the 50 V power supply, pulse width and inductor
will increase to obtain Id
50 V
1000 V
D.U.T.
L
V
C *
2
1
R
g
V
CC
D.U.T.
R =
V
CC
ICM
+
-
L
Diode clamp/
D.U.T.
D.U.T./
driver
- 5 V
+
-
R
g
V
CC
+
-
t = 5 µs
t
d(on)
t
f
t
r
90 %
t
d(off)
10 %
90 %
10 %
5 %
V
C
I
C
E
on
E
off
E
ts = (Eon + Eoff)
1
2
3


Similar Part No. - GB50NA120UX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GB502 GOOD-ARK-GB502 Datasheet
119Kb / 2P
   Block Type Automotive Rectifier Voltage Range 200 to 400 Volts Current 50 Amps
logo
Thinki Semiconductor Co...
GB502N THINKISEMI-GB502N Datasheet
1Mb / 3P
   50 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
GB502N THINKISEMI-GB502N Datasheet
1Mb / 3P
   50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB502P THINKISEMI-GB502P Datasheet
1Mb / 3P
   50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB502P THINKISEMI-GB502P Datasheet
1Mb / 3P
   50 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com