Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6602 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6602
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6602 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6602_07 Datasheet HTML 1Page - Sanyo Semicon Device MCH6602_07 Datasheet HTML 2Page - Sanyo Semicon Device MCH6602_07 Datasheet HTML 3Page - Sanyo Semicon Device MCH6602_07 Datasheet HTML 4Page - Sanyo Semicon Device MCH6602_07 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCH6602
No.6445-3/5
RDS(on) -- ID
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
RDS(on) -- Ta
yfs -- ID
RDS(on) -- ID
Drain Current, ID -- A
RDS(on) -- ID
Drain Current, ID -- A
Drain Current, ID -- A
Ambient Temperature, Ta --
°C
--60
0
--40
--20
1
020
2
40
60
3
4
5
6
7
80
100
120
140
160
I D
=40mA,
V GS
=2.5V
ID=80mA,
VGS
=4.0V
0.01
0.01
0.1
23
5
7
23
5
0.1
7
5
3
2
7
5
3
2
1.0
VDS=10V
75°C
Ta=
--25°
C
IT00035
IT00036
0.01
0.1
23
5
7
23
5
10
1.0
7
5
3
2
VGS=2.5V
1.0
0.001
0.01
23
5
7
23
5
100
10
7
5
3
2
7
5
3
2
VGS=1.5V
Ta=75
°C
25
°C
--25
°C
--25
°C
25
°C
Ta=75
°C
IT00033
IT00034
25
°C
0
0
12
1
34
2
56
3
4
5
6
7
8
9
10
78
9
10
Ta=25
°C
0.01
0.1
23
5
7
23
5
10
7
5
3
2
1.0
25
°C
--25
°C
Ta=75
°C
IT00031
IT00032
VGS=4V
ID=40mA
80mA
ID -- VDS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
0
0
0.02
0.2
0.06
0.04
0.08
0.4
0.10
0.12
0.14
0.16
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
VGS=1.5V
2.0V
4.0V
3.5V
0
0
0.5
1.0
1.5
2.0
0.15
0.10
0.05
0.30
0.25
0.20
2.5
3.0
VDS=10V
IT00029
IT00030


Similar Part No. - MCH6602_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6602-TL-E ONSEMI-MCH6602-TL-E Datasheet
248Kb / 6P
   N-Channel Power MOSFET
August, 2013
logo
Sanyo Semicon Device
MCH6602 SANYO-MCH6602_12 Datasheet
488Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6602_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com