Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA200SA60S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GA200SA60S
Description  Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GA200SA60S Datasheet(HTML) 3 Page - Vishay Siliconix

  GA200SA60S Datasheet HTML 1Page - Vishay Siliconix GA200SA60S Datasheet HTML 2Page - Vishay Siliconix GA200SA60S Datasheet HTML 3Page - Vishay Siliconix GA200SA60S Datasheet HTML 4Page - Vishay Siliconix GA200SA60S Datasheet HTML 5Page - Vishay Siliconix GA200SA60S Datasheet HTML 6Page - Vishay Siliconix GA200SA60S Datasheet HTML 7Page - Vishay Siliconix GA200SA60S Datasheet HTML 8Page - Vishay Siliconix GA200SA60S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GA200SA60SP
Insulated Gate Bipolar Transistor
Ultralow VCE(on), 342 A
Vishay Semiconductors
Document Number: 94363
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of Fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector to Emitter Voltage vs.
Junction Temperature
For both:
Duty cycle: 50 %
T
J = 125 °C
T
sink = 90 °C
Gate drive as specified
Power dissipation = 140 W
0
250
0.1
f - Frequency (kHz)
1
10
100
200
150
100
50
Clamp voltage:
80 % of rated
Triangular wave:
I
60 % of rated
voltage
Ideal diodes
Square wave:
I
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
VCE - Collector to Emitter Voltage (V)
V
GE = 15 V
20 µs pulse width
T
J = 150 °C
T
J = 25 °C
10
100
1000
567
VGE - Gate to Emitter Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
CC = 50 V
5 µs pulse width
0
80
120
160
40
20
100
140
60
0
50
100
150
250
200
300
350
Maximum DC Collector Current (A)
DC
1
2
3
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
TJ - Junction Temperature (°C)
V
GE = 15 V
80 µs pulse width
I
C = 400 A
I
C = 200 A
I
C = 100 A


Similar Part No. - GA200SA60S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA200SA60S IRF-GA200SA60S Datasheet
201Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60S IRF-GA200SA60S Datasheet
322Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Vishay Siliconix
GA200SA60SP VISHAY-GA200SA60SP Datasheet
181Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
02-Oct-12
GA200SA60SP VISHAY-GA200SA60SP_V01 Datasheet
181Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
02-Oct-12
More results

Similar Description - GA200SA60S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA200SA60SP VISHAY-GA200SA60SP_V01 Datasheet
181Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
02-Oct-12
VS-GA250SA60S VISHAY-VS-GA250SA60S Datasheet
288Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
Revision: 20-May-16
VS-GT250SA60S VISHAY-VS-GT250SA60S_V01 Datasheet
196Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
01-Jan-2023
VS-GT250SA60S VISHAY-VS-GT250SA60S Datasheet
196Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 250 A
01-Jan-2022
logo
International Rectifier
IRG4BH20K-LPBF IRF-IRG4BH20K-LPBF Datasheet
298Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR ( VCES=1200V , VCE(on)typ.=3.17V , @VGE=15V.Ic=5.0A )
IRGBF20F IRF-IRGBF20F Datasheet
255Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vce=900V, @Vge=15V, Ic=5.3A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRG4PH50K IRF-IRG4PH50K Datasheet
92Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4PSC71U IRF-IRG4PSC71U Datasheet
151Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.67V, @Vge=15V, Ic=60A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com