Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6534 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6534
Description  Switching, Driver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6534 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6534 Datasheet HTML 1Page - Sanyo Semicon Device MCH6534 Datasheet HTML 2Page - Sanyo Semicon Device MCH6534 Datasheet HTML 3Page - Sanyo Semicon Device MCH6534 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH6534
No.7643-3/4
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
5
7
100
2
3
5
7
IT05496
VCE=2V
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
100
2
3
5
7
1000
2
3
5
7
10000
IT05495
Ta= --25°C
75°C
25
°C
IC / IB=20
fT -- IC
Collector Current, IC -- mA
VBE(sat) -- IC
Collector Current, IC -- mA
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
10
2
3
5
7
100
2
3
5
7
1000
IT05494
IC / IB=50
Ta=75
°C
--25
°C
25
°C
0.1
23
5
7 1.0
23
5
7
10
23
1.0
2
3
5
7
10
IT05497
f=1MHz
Cob -- VCB
VCE(sat) -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
f=1MHz
0.1
0.1
IT06067
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
1.0
10
OUT
IN
1k
1k
IB
Ron -- IB
Base Current, IB -- mA
0
0
Ambient Temperature, Ta --
°C
PC -- Ta
IT06387
0.7
0.6
0.5
0.55
0.4
0.3
0.2
0.1
40
20
100
120
60
80
140
160
Total
Dissipation
1unit
Mounted on a ceramic board
(600mm2!0.8mm)
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
10
2
3
5
7
100
2
3
5
7
1000
3
5
7
100
2
3
5
7
1000
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
IT05492
IT05493
VCE=2V
IC / IB=20
Ta=75°C
--25
°C
25
°C
Ta=75
°C
--25
°C
25
°C
hFE -- IC
VCE(sat) -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA


Similar Part No. - MCH6534

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6534-TL-E ONSEMI-MCH6534-TL-E Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results

Similar Description - MCH6534

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1673 TOSHIBA-RN1673 Datasheet
217Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2110CT TOSHIBA-RN2110CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2110ACT TOSHIBA-RN2110ACT Datasheet
159Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1110CT TOSHIBA-RN1110CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com