Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA100TS60SFPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GA100TS60SFPBF
Description  "Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 100 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GA100TS60SFPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  GA100TS60SFPBF Datasheet HTML 1Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 2Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 3Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 4Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 5Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 6Page - Vishay Siliconix GA100TS60SFPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94544
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-May-10
5
GA100TS60SFPbF
"Half-Bridge" IGBT INT-A-PAK
(Standard Speed IGBT), 100 A
Vishay High Power Products
Fig. 11 - Typical Stored Charge vs. dIF/dt
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95173
di
f
/dt - A/μs
100
1000
10000
0
0
0
1
0
0
1
Vr = 200V
If = 50A, Tj = 125˚C
If = 50A, Tj = 25˚C
1
-
Essential part number IGBT modules
2
-
Current rating (100 = 100 A)
3
-
Circuit configuration (T = Half bridge)
4
-
INT-A-PAK
5
-
Voltage code (60 = 600 V)
6
-
Speed/type (S = Standard speed IGBT)
7
-
Diode type
8
-
PbF = Lead (Pb)-free
Device code
5
13
24
67
8
GA
100
T
S
60
S
F
PbF
1
2
3
5
4
7
6


Similar Part No. - GA100TS60SFPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS60SF IRF-GA100TS60SF Datasheet
112Kb / 7P
   Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com