Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4017 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # MCH4017
Description  High-Frequency Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4017 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  MCH4017 Datasheet HTML 1Page - Sanyo Semicon Device MCH4017 Datasheet HTML 2Page - Sanyo Semicon Device MCH4017 Datasheet HTML 3Page - Sanyo Semicon Device MCH4017 Datasheet HTML 4Page - Sanyo Semicon Device MCH4017 Datasheet HTML 5Page - Sanyo Semicon Device MCH4017 Datasheet HTML 6Page - Sanyo Semicon Device MCH4017 Datasheet HTML 7Page - Sanyo Semicon Device MCH4017 Datasheet HTML 8Page - Sanyo Semicon Device MCH4017 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCH4017
No. A1912-6/9
S Parameters (Common emitter)
VCE=5V, IC=30mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.542
-70.6
43.013
144.3
0.012
66.3
0.826
-31.8
200
0.577
-112.5
32.303
121.4
0.018
56.3
0.636
-50.4
300
0.599
-134.2
24.068
107.8
0.022
55.0
0.539
-61.6
400
0.611
-146.5
18.636
99.4
0.025
55.5
0.478
-69.3
500
0.620
-151.9
15.457
93.6
0.029
57.7
0.454
-71.4
600
0.614
-158.6
12.813
89.2
0.033
59.6
0.410
-74.7
700
0.611
-164.1
10.898
85.6
0.036
61.5
0.376
-77.5
800
0.610
-168.7
9.470
82.5
0.039
62.9
0.351
-80.5
900
0.611
-172.7
8.381
79.8
0.043
64.1
0.337
-83.2
1000
0.610
-176.0
7.487
77.5
0.047
65.3
0.324
-85.8
1200
0.612
178.3
6.186
73.2
0.054
66.8
0.306
-89.7
1400
0.615
173.4
5.277
69.2
0.062
67.7
0.299
-93.1
1600
0.617
169.0
4.596
65.6
0.070
68.2
0.296
-96.3
1800
0.620
165.1
4.085
62.0
0.078
68.6
0.297
-99.3
2000
0.622
161.6
3.669
58.7
0.086
68.4
0.301
-102.5
2200
0.622
158.0
3.344
55.5
0.095
68.3
0.307
-105.1
2400
0.625
154.6
3.065
52.1
0.103
67.8
0.316
-107.9
2600
0.625
151.3
2.835
48.8
0.112
67.2
0.326
-110.5
2800
0.628
148.0
2.638
45.7
0.120
66.5
0.339
-113.0
3000
0.626
144.6
2.464
42.6
0.129
65.6
0.352
-115.5
VCE=5V, IC=50mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.479
-97.2
42.927
137.2
0.010
63.4
0.761
-35.0
200
0.566
-132.9
32.978
115.4
0.015
56.7
0.560
-51.6
300
0.603
-148.8
23.718
103.2
0.018
58.0
0.485
-60.6
400
0.620
-157.8
18.120
95.7
0.021
60.4
0.427
-66.9
500
0.625
-161.4
14.893
90.4
0.025
63.7
0.410
-68.0
600
0.624
-166.7
12.324
86.4
0.029
66.0
0.375
-70.7
700
0.624
-171.0
10.482
83.2
0.032
68.0
0.348
-73.2
800
0.626
-174.8
9.088
80.4
0.036
69.2
0.328
-75.9
900
0.628
-178.1
8.053
77.9
0.040
70.4
0.317
-78.4
1000
0.628
179.1
7.184
75.6
0.044
70.9
0.308
-80.9
1200
0.633
174.2
5.943
71.5
0.052
72.2
0.295
-84.6
1400
0.636
169.8
5.061
67.7
0.060
72.7
0.292
-88.2
1600
0.640
165.9
4.407
64.1
0.069
72.7
0.292
-91.5
1800
0.643
162.3
3.917
60.6
0.077
72.6
0.295
-94.7
2000
0.645
159.1
3.518
57.2
0.086
72.3
0.301
-98.1
2200
0.646
155.6
3.202
54.0
0.094
71.8
0.309
-101.1
2400
0.648
152.4
2.931
50.6
0.103
71.1
0.319
-104.0
2600
0.650
149.3
2.708
47.3
0.112
70.3
0.331
-106.8
2800
0.652
146.0
2.520
44.2
0.121
69.3
0.344
-109.6
3000
0.650
142.7
2.353
41.1
0.130
68.2
0.358
-112.5


Similar Part No. - MCH4017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
More results

Similar Description - MCH4017

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356_09 Datasheet
197Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com