Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCSP0730TR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FCSP0730TR
Description  FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FCSP0730TR Datasheet(HTML) 3 Page - Vishay Siliconix

  FCSP0730TR_11 Datasheet HTML 1Page - Vishay Siliconix FCSP0730TR_11 Datasheet HTML 2Page - Vishay Siliconix FCSP0730TR_11 Datasheet HTML 3Page - Vishay Siliconix FCSP0730TR_11 Datasheet HTML 4Page - Vishay Siliconix FCSP0730TR_11 Datasheet HTML 5Page - Vishay Siliconix FCSP0730TR_11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-FCSP0730TR
www.vishay.com
Vishay Semiconductors
Revision: 04-Jul-11
3
Document Number: 94336
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage (Per Leg)
Fig. 4 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 5 - Forward Power Loss Characteristics (Per Leg)
Fig. 6 - Maximum Non-Repetitive Surge Current (Per Leg)
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at 80 % VR applied
VFM - Forward Voltage Drop (V)
0.1
0.5
0.9
0.3
0.7
1.1
0.1
1
10
94336_01
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
5
10
15
25
20
30
0.0001
0.001
0.01
0.1
1
10
100
94336_02
T
J = 125 °C
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
5
10
20
25
15
30
10
1000
100
94336_03
I
F(AV) - Average Forward Current (A)
0.8
0.6
0.4
0.2
1.0
0
120
140
150
160
80
100
110
130
90
94336_04
DC
Square wave
80 % rated V
R applied
See note (1)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
I
F(AV) - Average Forward Current (A)
0.8
1.0
0.6
0.4
0.2
0
0.4
0.5
0
0.2
0.3
0.1
94336_05
DC
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
RMS limit
1
10
100
tp - Square Wave Pulse Duration (µs)
100
10
94336_06
1000
10 000
1000
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - FCSP0730TR_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP0730TR VISHAY-FCSP0730TR Datasheet
100Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 27-Feb-08
More results

Similar Description - FCSP0730TR_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP07H40TR VISHAY-FCSP07H40TR_11 Datasheet
118Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 04-Jul-11
FCSP1H40LTR VISHAY-FCSP1H40LTR_11 Datasheet
114Kb / 6P
   FlipKY,1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP05H40TR VISHAY-FCSP05H40TR_11 Datasheet
116Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Revision: 04-Jul-11
FCSP140LTR VISHAY-FCSP140LTR_11 Datasheet
117Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP2H40LTR VISHAY-FCSP2H40LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP130LTR VISHAY-FCSP130LTR_11 Datasheet
115Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP230LTR VISHAY-FCSP230LTR_11 Datasheet
119Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP240LTR VISHAY-FCSP240LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 08-Jun-11
FCSP07H40TR VISHAY-FCSP07H40TR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 18-Apr-08
FCSP0730TR VISHAY-FCSP0730TR Datasheet
100Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 27-Feb-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com