Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL18NM60N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL18NM60N
Description  N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18NM60N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL18NM60N Datasheet HTML 5Page - STMicroelectronics STL18NM60N Datasheet HTML 6Page - STMicroelectronics STL18NM60N Datasheet HTML 7Page - STMicroelectronics STL18NM60N Datasheet HTML 8Page - STMicroelectronics STL18NM60N Datasheet HTML 9Page - STMicroelectronics STL18NM60N Datasheet HTML 10Page - STMicroelectronics STL18NM60N Datasheet HTML 11Page - STMicroelectronics STL18NM60N Datasheet HTML 12Page - STMicroelectronics STL18NM60N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STL18NM60N
Package mechanical data
Doc ID 018856 Rev 2
9/14
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STL18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
   N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
STL18N60M2 STMICROELECTRONICS-STL18N60M2 Datasheet
946Kb / 16P
   N-channel 600 V, 0.278 廓 typ., 9 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
June 2014 Rev 1
STL18N60M6 STMICROELECTRONICS-STL18N60M6 Datasheet
792Kb / 15P
   N-channel 600 V, 255 m typ., 9 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
April 2019 Rev 3
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
June 2013 Rev 2
More results

Similar Description - STL18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
   N-channel 600 V, 0.094 廓 typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
July 2020
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STL36N60M6 STMICROELECTRONICS-STL36N60M6 Datasheet
418Kb / 15P
   N-channel 600 V, 91 m廓 typ., 25 A MDmesh??M6 Power MOSFET in a PowerFLAT??8x8 HV package
Rev 4 - September 2018
STL47N60M6 STMICROELECTRONICS-STL47N60M6 Datasheet
575Kb / 15P
   N-channel 600 V, 70 m廓 typ., 31 A MDmesh??M6 Power MOSFET in a PowerFLAT??8x8 HV package
Rev 2 - January 2019
STL52N60DM6 STMICROELECTRONICS-STL52N60DM6 Datasheet
356Kb / 14P
   N-channel 600 V, 72 m廓 typ., 45 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
June 2021
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
   N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com