Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT64C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT64C
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT64C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT64C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT64C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDT64/A/B/C
DESCRIPTION
·Collector Current -IC= -12A
·High DC Current Gain-hFE= 1000(Min)@ IC= -5A
·Complement to Type BDT65/A/B/C
APPLICATIONS
·Designed for audio output stages and general purpose
amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDT64
-60
BDT64A
-80
BDT64B
-100
VCER
Collector-Emitter
Voltage
BDT64C
-120
V
BDT64
-60
BDT64A
-80
BDT64B
-100
VCEO
Collector-Emitter
Voltage
BDT64C
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-12
A
ICM
Collector Current-Peak
-20
A
IB
B
Base Current-Continuous
-0.5
A
PC
Collector Power Dissipation
@ TC=25℃
125
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDT64C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDT64C PHILIPS-BDT64C Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BDT64C COMSET-BDT64C Datasheet
109Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDT64C NJSEMI-BDT64C Datasheet
137Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
List of Unclassifed Man...
BDT64C ETC2-BDT64C Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
BDT64CF PHILIPS-BDT64CF Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
More results

Similar Description - BDT64C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com