Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET300-501 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ET300-501
Description  DC Filter Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ET300-501 Datasheet(HTML) 1 Page - Vishay Siliconix

  ET300-501 Datasheet HTML 1Page - Vishay Siliconix ET300-501 Datasheet HTML 2Page - Vishay Siliconix ET300-501 Datasheet HTML 3Page - Vishay Siliconix ET300-501 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 13014
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
1
DC Filter Capacitors
ET
Vishay ESTA
TYPE ET
These capacitors are manufactured using a mixed dielectric
material that consists of polyester/polypropylene film and
capacitor tissue. They are impregnated and filled with a
mineral oil. The container is a Synthetic Resin Bonded Paper
tube sealed at both ends with resin assuring hermetic
sealing. The capacitors are terminated with M5 *12 mm
studs or tinned copper wire.
Note
• The impregnant used is a non toxic highly refined, purified and
inhibited mineral oil.
APPLICATIONS
The ET range is specifically designed for high voltage filters
and can be successfully used in the following
applications:
• By-pass
• Coupling
• Filter applications
• X-ray power supplies
• Electrostatic air deaners
TEMPERATURE RANGE
Temperature range is
- 55 °C to + 85 °C. Derating is
required for operation at higher temperatures.
TEMPERATURE COEFFICIENT
Capacitance will increase by 2 % per 100 °C temperature
rise.
CAPACITANCE RANGE
0.0005 μF to 2 μF. The tolerance is ± 10 %. Other tolerances
are available on request. Nominal values measured at 1 kHz.
VOLTAGE RANGE
1000 VDC to 70 000 VDC
RIPPLE
The sum of the peak ripple voltage and the DC voltage
should not exceed the rated voltage. Refer to graph fig.1 for
permissible peak-to-peak ripple voltage as a percentage of
rated voltage for various frequencies.
Fig. 1
POWER FACTOR
The power factor is variable, and is a function of temperature
and frequency see fig. 2. Nominal value < 0.5 % at 20 °C
Fig. 2
DIELECTRIC RESISTANCE
(Parallel resistance) is indicated by the graph of insulance
(M
Ω x μF) vs temperature fig. 3. The insulance (MÉ1 x μF) is
nominally 10 000 s at + 20 °C. (Measurements taken after
1 minute with an applied voltage of 500 V)
Fig. 3
LIFE EXPECTANCY
ET type capacitors are designed for a life exceptancy of
5000 h at 65 °C. To achieve the same life expectancy at
85 °C derate to 60 % of rated voltage fig. 4.
Fig. 4
30
10
20
10
100
1000
Hz
0
10 000
2 %
0 %
1 %
80
- 20
0
40
65
1 kHz
50 Hz
Power Factor
vs.
Temperature
at 20 °C
- 40
0
40
80
10
2
10
3
10
4
10
5
Insulance vs. Temperature
Typical Values
50
100
150 °C
10
2
10
3
10
4
10
5
Rated Voltage


Similar Part No. - ET300-501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ET3028-50 PULSE-ET3028-50 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Copal Electronics
ET303A10-Z COPAL-ET303A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET303A12-Z COPAL-ET303A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET303A13-Z COPAL-ET303A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET303A32-Z COPAL-ET303A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Similar Description - ET300-501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ER10-104 VISHAY-ER10-104 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EPR VISHAY-EPR Datasheet
85Kb / 3P
   High Voltage DC Filter Capacitors
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
   DC EMI FILTER
01/17/2022
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
   DC EMI FILTER
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com