Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3007 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH3007
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3007 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH3007 Datasheet HTML 1Page - Sanyo Semicon Device MCH3007 Datasheet HTML 2Page - Sanyo Semicon Device MCH3007 Datasheet HTML 3Page - Sanyo Semicon Device MCH3007 Datasheet HTML 4Page - Sanyo Semicon Device MCH3007 Datasheet HTML 5Page - Sanyo Semicon Device MCH3007 Datasheet HTML 6Page - Sanyo Semicon Device MCH3007 Datasheet HTML 7Page - Sanyo Semicon Device MCH3007 Datasheet HTML 8Page - Sanyo Semicon Device MCH3007 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCH3007
No. A1925-4/10
S Parameters (Common emitter)
VCE=3V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.772
-19.6
14.343
158.2
0.013
80.2
0.952
-12.0
200
0.726
-30.9
13.500
143.9
0.022
77.5
0.880
-22.0
300
0.614
-53.6
12.251
130.6
0.031
75.2
0.798
-28.8
400
0.570
-64.5
11.116
122.3
0.038
74.7
0.734
-34.3
500
0.471
-86.8
9.957
110.0
0.046
74.0
0.660
-40.2
600
0.440
262.6
8.696
103.7
0.053
74.4
0.616
-43.1
700
0.404
251.3
7.844
97.4
0.061
74.8
0.577
-46.7
800
0.380
242.5
6.991
92.7
0.068
75.3
0.543
-49.6
900
0.362
235.0
6.325
88.6
0.075
75.7
0.519
-52.1
1000
0.344
228.3
5.731
85.1
0.083
76.0
0.492
-54.3
1200
0.321
216.8
4.838
79.0
0.098
76.7
0.461
-58.0
1400
0.308
207.2
4.189
74.0
0.113
77.0
0.443
-60.4
1600
0.296
199.1
3.703
69.6
0.129
77.2
0.434
-62.6
1800
0.287
191.6
3.324
65.5
0.146
77.2
0.428
-64.4
2000
0.282
184.3
3.023
61.6
0.164
76.9
0.425
-66.3
2200
0.275
177.4
2.784
57.9
0.182
76.5
0.429
-68.5
2400
0.274
171.5
2.591
54.2
0.201
75.7
0.432
-71.7
2600
0.269
165.4
2.413
50.8
0.220
75.1
0.432
-74.0
2800
0.270
160.9
2.285
47.8
0.242
74.3
0.442
-75.8
3000
0.281
155.9
2.182
44.0
0.266
72.7
0.460
-79.7
VCE=3V, IC=15mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.655
-30.6
16.942
153.3
0.011
76.6
0.912
-13.3
200
0.578
-51.1
14.095
136.7
0.020
73.6
0.814
-22.0
300
0.473
-82.5
12.741
120.1
0.026
73.3
0.735
-26.7
400
0.432
260.6
11.464
110.2
0.033
74.3
0.682
-30.1
500
0.403
240.3
9.665
100.5
0.039
75.4
0.624
-34.4
600
0.395
230.3
7.746
94.9
0.045
77.1
0.595
-36.4
700
0.390
220.9
6.764
89.7
0.052
79.1
0.570
-39.3
800
0.387
213.3
5.958
85.7
0.059
80.2
0.547
-41.8
900
0.386
207.3
5.331
81.9
0.067
81.4
0.533
-44.0
1000
0.381
201.6
4.798
78.8
0.074
82.1
0.515
-46.2
1200
0.379
192.3
4.009
73.0
0.090
83.1
0.498
-50.2
1400
0.380
184.7
3.460
68.0
0.106
83.8
0.491
-53.3
1600
0.378
178.1
3.047
63.5
0.124
84.1
0.491
-56.3
1800
0.378
171.9
2.733
59.3
0.143
83.9
0.491
-59.2
2000
0.380
165.9
2.482
55.2
0.162
83.7
0.493
-62.2
2200
0.379
160.0
2.282
51.4
0.183
83.0
0.502
-65.4
2400
0.383
155.1
2.118
47.5
0.205
82.0
0.508
-69.5
2600
0.383
149.7
1.968
44.0
0.227
81.0
0.510
-72.8
2800
0.386
145.4
1.860
40.8
0.253
79.8
0.523
-75.6
3000
0.398
141.2
1.771
36.9
0.280
77.7
0.544
-80.4


Similar Part No. - MCH3007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH3007-TL-H ONSEMI-MCH3007-TL-H Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
More results

Similar Description - MCH3007

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com