Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6SB20 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # U6SB20
Description  General Purpose Rectifiers(200V 6A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

U6SB20 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  U6SB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd U6SB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd U6SB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd U6SB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd U6SB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd U6SB20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
U6SBx
Forward Power Dissipation
Tj= 150
°C
Sine wave
SIN
Average Rectified Forward Current IO [A]


Similar Part No. - U6SB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U6SB60 SHINDENGEN-U6SB60 Datasheet
307Kb / 6P
   General Purpose Rectifiers(600V 6A)
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
   General Purpose Rectifiers(200V 6A)
U6SBA60 SHINDENGEN-U6SBA60 Datasheet
315Kb / 6P
   General Purpose Rectifiers(600V 6A)
More results

Similar Description - U6SB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
   General Purpose Rectifiers(200V 6A)
D5SB20 SHINDENGEN-D5SB20 Datasheet
302Kb / 6P
   General Purpose Rectifiers(200V 6A)
D5SBA20 SHINDENGEN-D5SBA20 Datasheet
275Kb / 5P
   General Purpose Rectifiers(200V 6A)
U6SB60 SHINDENGEN-U6SB60 Datasheet
307Kb / 6P
   General Purpose Rectifiers(600V 6A)
U6SBA60 SHINDENGEN-U6SBA60 Datasheet
315Kb / 6P
   General Purpose Rectifiers(600V 6A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
   General Purpose Rectifiers(600V 6A)
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
   General Purpose Rectifiers(800V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
   General Purpose Rectifiers(600V 6A)
D6SB60L SHINDENGEN-D6SB60L Datasheet
324Kb / 6P
   General Purpose Rectifiers(600V 6A)
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
   General Purpose Rectifiers(200V 1.7A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com