Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV59012M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV59012M
Description  1.2V Constant-Voltage Power Supply IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV59012M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV59012M Datasheet HTML 1Page - Sanyo Semicon Device LV59012M Datasheet HTML 2Page - Sanyo Semicon Device LV59012M Datasheet HTML 3Page - Sanyo Semicon Device LV59012M Datasheet HTML 4Page - Sanyo Semicon Device LV59012M Datasheet HTML 5Page - Sanyo Semicon Device LV59012M Datasheet HTML 6Page - Sanyo Semicon Device LV59012M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LV59012M
No.A1461-2/7
Electrical Characteristics at Ta
= 25°C, VIN1 = VIN2 = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IVIN
LDO ON
110
160
μA
Standby current
ISTBY
CTL = Low
1
μA
Output
Output voltage
VO
IO = 10mA
1.176
1.2
1.224
V
Vdrop1_1
IO = 1A, VIN1 = VIN2
1
V
Dropout voltage 1
Vdrop1_2
IO = 0.3A, VIN1 = VIN2
0.6
V
Vdrop2_1
IO = 1A, VIN2 = 3V, VIN1 dropout voltage
1
V
Dropout voltage 2
Vdrop2_2
IO = 0.3A, VIN2 = 3V, VIN1 dropout voltage
0.4
V
Load Regulation
VLD
IO = 5mA to 1A
10
50
mV
Line Regulation
VLN
VIN1 = VIN2 = 1.8V to 6V, IO = 10mA
10
50
mV
Voltage temperature coefficient
ΔVT
Ta = -30 to +85
°C, IO = 10mA
*
±100
ppm/
°C
Ripple Rejection
VRL
IO = 10mA, VRpp=1V, fRR = 1kHz
*
70
dB
Output Noise Voltage
VON
IO = 10mA, 20Hz < f < 20kHz
*
60
μVrms
CTL pin
High level voltage
VCTLH
1.5
5
V
Low level voltage
VCTLL
0
0.3
V
Input current
ICTL
VCTL = 6V
8.5
μA
* Design guarantee
Package Dimensions
unit : mm (typ)
3372
SANYO : MFP8(200mil)
5.0
12
8
0.15
0.35
1.27
(0.65)
(3.4)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
-30
0
20
40
60
80
100
0
2.0
1.5
1.0
0.5
Pd max -- Ta
1.45
0.58
-20
85
Ambient temperature, Ta --
°C
Specified board: 50
×50×1.6mm3
glass epoxy both sides.


Similar Part No. - LV59012M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
More results

Similar Description - LV59012M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com