Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETU1506-1-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ETU1506-1-M3
Description  Ultrafast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETU1506-1-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  ETU1506-1-M3 Datasheet HTML 1Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 2Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 3Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 4Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 5Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 6Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 7Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 8Page - Vishay Siliconix ETU1506-1-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93590
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-ETU1506S-M3, VS-ETU1506-1-M3
Vishay Semiconductors
Ultrafast Rectifier, 15 A FRED Pt®
New Product
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
0
5
10
15
20
25
120
130
140
150
160
170
180
DC
Average Forward Current - I
F(AV) (A)
0
5
10
15
20
25
0
5
10
15
20
25
30
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
DC
RMS Limit
Average Forward Current - I
F(AV) (A)
I
F = 15 A, 125 °C
I
F = 15 A, 25 °C
typical value
10
20
30
40
50
60
70
80
90
110
100
120
100
1000
dI
F/dt (A/μs)
I
F = 15 A, 125 °C
I
F = 15 A, 25 °C
typical value
dI
F/dt (A/μs)
10
0
200
300
400
500
600
700
800
900
100
1000


Similar Part No. - ETU1506-1-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETU1506-M3 VISHAY-ETU1506-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
More results

Similar Description - ETU1506-1-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETL1506S-M3 VISHAY-VS-ETL1506S-M3 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
VS-MURB1520PBF VISHAY-VS-MURB1520PBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 10-Jul-15
15ETH06PBF VISHAY-15ETH06PBF_11 Datasheet
191Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
MUR1520PBF VISHAY-MUR1520PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETL1506-M3 VISHAY-ETL1506-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15ETH03PBF VISHAY-15ETH03PBF_11 Datasheet
156Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETX06PBF VISHAY-15ETX06PBF_11 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETL1506S-M3 VISHAY-ETL1506S-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU1506-M3 VISHAY-ETU1506-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
15ETH06PBF VISHAY-15ETH06PBF_12 Datasheet
195Kb / 9P
   Ultrafast Rectifier, 15 A Fred Pt®
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com