Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETL1506STRL-M3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ETL1506STRL-M3
Description  Ultrafast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETL1506STRL-M3 Datasheet(HTML) 8 Page - Vishay Siliconix

  ETL1506STRL-M3 Datasheet HTML 1Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 2Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 3Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 4Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 5Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 6Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 7Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 8Page - Vishay Siliconix ETL1506STRL-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95419
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 04-Oct-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-262
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall
not exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - ETL1506STRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETL1506-M3 VISHAY-ETL1506-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
logo
Inchange Semiconductor ...
ETL1506-M3 ISC-ETL1506-M3 Datasheet
310Kb / 2P
   Ultra fast Rectifier
logo
Vishay Siliconix
ETL1506FP-M3 VISHAY-ETL1506FP-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results

Similar Description - ETL1506STRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETL1506S-M3 VISHAY-VS-ETL1506S-M3 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
VS-MURB1520PBF VISHAY-VS-MURB1520PBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 10-Jul-15
15ETH06PBF VISHAY-15ETH06PBF_11 Datasheet
191Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETU1506S-M3 VISHAY-ETU1506S-M3 Datasheet
194Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
MUR1520PBF VISHAY-MUR1520PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETL1506-M3 VISHAY-ETL1506-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15ETH03PBF VISHAY-15ETH03PBF_11 Datasheet
156Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETX06PBF VISHAY-15ETX06PBF_11 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETU1506-M3 VISHAY-ETU1506-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
15ETH06PBF VISHAY-15ETH06PBF_12 Datasheet
195Kb / 9P
   Ultrafast Rectifier, 15 A Fred Pt®
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com