Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV59001M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV59001M
Description  Output voltage changeable type Power Supply IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV59001M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV59001M Datasheet HTML 1Page - Sanyo Semicon Device LV59001M Datasheet HTML 2Page - Sanyo Semicon Device LV59001M Datasheet HTML 3Page - Sanyo Semicon Device LV59001M Datasheet HTML 4Page - Sanyo Semicon Device LV59001M Datasheet HTML 5Page - Sanyo Semicon Device LV59001M Datasheet HTML 6Page - Sanyo Semicon Device LV59001M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
92811 SY 20110628-S00001 No.A1973-1/7
LV59001M
Overview
The LV59001M is output good transformation power supply IC of low consumption current, and is effective as a
constant-voltage source of battery use apparatus.
Features
• Low current consumption
• With on-off switch
• Output voltage changeable type (VO: 0.8 to 3.5V)
• Output current of 1A obtainable
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply
VIN1
7V
VIN2
7V
Allowable power dissipation
Pd max
Mounted on a specified board.*
1.45
W
Operating Temperature
Topr
-30 to +85
°C
Storage Temperature
Tstg
-40 to +125
°C
* Specified board: 50mm
× 50mm × 1.6mm, glass epoxy both sides
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
power supply
VIN1
VIN1 pin
1.6
6
V
VIN2
VIN2 pin
1.8
6
V
Output voltage setting range
VO
0.8
3.5
V
Output current
IO
0
1
A
Bi-CMOS LSI
Output voltage changeable type
Power Supply IC
Ordering number: ENA1973


Similar Part No. - LV59001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
More results

Similar Description - LV59001M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8174MUV ROHM-BD8174MUV Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Sanyo Semicon Device
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com