Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETL1506FP-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ETL1506FP-M3
Description  Ultrafast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETL1506FP-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  ETL1506FP-M3 Datasheet HTML 1Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 2Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 3Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 4Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 5Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 6Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 7Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 8Page - Vishay Siliconix ETL1506FP-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93531
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 11-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-ETL1506-M3, VS-ETL1506FP-M3
Vishay Semiconductors
Ultrafast Rectifier, 15 A FRED Pt®
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER TUBE
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-ETL1506-M3
50
1000
Antistatic plastic tube
VS-ETL1506FP-M3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
2L TO-220AC
www.vishay.com/doc?95259
2L TO-220 FULL-PAK
www.vishay.com/doc?95260
Part marking information
2L TO-220AC
www.vishay.com/doc?95391
2L TO-220 FULL-PAK
www.vishay.com/doc?95392
3
-
T = TO-220
4
-
L = Hyperfast recovery time
5
-
Current code: 15 = 15 A
6
-
Voltage code: 06 = 600 V
7
-
FP = FULL-PAK
None = TO-220
E = Single diode
2
-
Circuit configuration:
1
-
Vishay Semiconductors product
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
8
Device code
5
1
3
2
4
6
7
8
VS-
E
T
L
15
06
FP
-M3


Similar Part No. - ETL1506FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETL1506-1-M3 VISHAY-ETL1506-1-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETL1506-1-M3 VISHAY-ETL1506-1-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETL1506-1TRL-M3 VISHAY-ETL1506-1TRL-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETL1506-1TRR-M3 VISHAY-ETL1506-1TRR-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
logo
Inchange Semiconductor ...
ETL1506-M3 ISC-ETL1506-M3 Datasheet
310Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - ETL1506FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETL1506S-M3 VISHAY-VS-ETL1506S-M3 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
VS-MURB1520PBF VISHAY-VS-MURB1520PBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 10-Jul-15
15ETH06PBF VISHAY-15ETH06PBF_11 Datasheet
191Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETU1506S-M3 VISHAY-ETU1506S-M3 Datasheet
194Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
MUR1520PBF VISHAY-MUR1520PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETH03PBF VISHAY-15ETH03PBF_11 Datasheet
156Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
15ETX06PBF VISHAY-15ETX06PBF_11 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
ETL1506S-M3 VISHAY-ETL1506S-M3 Datasheet
193Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU1506-M3 VISHAY-ETU1506-M3 Datasheet
174Kb / 8P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 14-Mar-11
15ETH06PBF VISHAY-15ETH06PBF_12 Datasheet
195Kb / 9P
   Ultrafast Rectifier, 15 A Fred Pt®
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com