Electronic Components Datasheet Search |
|
ETH1506-1TRR-M3 Datasheet(PDF) 8 Page - Vishay Siliconix |
|
ETH1506-1TRR-M3 Datasheet(HTML) 8 Page - Vishay Siliconix |
8 / 9 page Document Number: 95419 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 04-Oct-10 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 TO-262 Outline Dimensions Vishay Semiconductors DIMENSIONS in millimeters and inches Notes (1) Dimensioning and tolerancing as per ASME Y14.5M-1994 (2) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outmost extremes of the plastic body (3) Thermal pad contour optional within dimension E, L1, D1 and E1 (4) Dimension b1 and c1 apply to base metal only (5) Controlling dimension: inches (6) Outline conform to JEDEC TO-262 except A1 (maximum), b (minimum) and D1 (minimum) where dimensions derived the actual package outline SYMBOL MILLIMETERS INCHES NOTES MIN. MAX. MIN. MAX. A 4.06 4.83 0.160 0.190 A1 2.03 3.02 0.080 0.119 b 0.51 0.99 0.020 0.039 b1 0.51 0.89 0.020 0.035 4 b2 1.14 1.78 0.045 0.070 b3 1.14 1.73 0.045 0.068 4 c 0.38 0.74 0.015 0.029 c1 0.38 0.58 0.015 0.023 4 c2 1.14 1.65 0.045 0.065 D 8.51 9.65 0.335 0.380 2 D1 6.86 8.00 0.270 0.315 3 E 9.65 10.67 0.380 0.420 2, 3 E1 7.90 8.80 0.311 0.346 3 e 2.54 BSC 0.100 BSC L 13.46 14.10 0.530 0.555 L1 - 1.65 - 0.065 3 L2 3.56 3.71 0.140 0.146 (4) (4) Base metal Plating b1, b3 (b, b2) c1 c Section B - B and C - C Scale: None Section A - A (3) E1 (3) D1 E B A A A c2 c A1 Seating plane Lead tip (3) (2) (3) (2) A E (Datum A) L1 L2 B B C C 3 2 1 L D 2 x e 3 x b2 3 x b 0.010 A B MM Modified JEDEC outline TO-262 Lead assignments Diodes 1. - Anode (two die)/open (one die) 2., 4. - Cathode 3. - Anode |
Similar Part No. - ETH1506-1TRR-M3 |
|
Similar Description - ETH1506-1TRR-M3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |