Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4SB60 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # U4SB60
Description  General Purpose Rectifiers(600V 4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

U4SB60 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  U4SB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd U4SB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd U4SB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd U4SB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd U4SB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd U4SB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
0
20
40
60
80
100
120
140
160
U4SBx
Derating Curve
SIN
Sine wave
R-load
Free in air
Glass-epoxy substrate
Soldering land 5mm
φ
Ambient Temperature Ta [
°C]
PCB


Similar Part No. - U4SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U4SB20 SHINDENGEN-U4SB20 Datasheet
313Kb / 6P
   General Purpose Rectifiers(200V 4A)
U4SBA20 SHINDENGEN-U4SBA20 Datasheet
319Kb / 6P
   General Purpose Rectifiers(200V 4A)
U4SBA60 SHINDENGEN-U4SBA60 Datasheet
319Kb / 6P
   General Purpose Rectifiers(600V 4A)
More results

Similar Description - U4SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SBA60 SHINDENGEN-D3SBA60 Datasheet
324Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4SB60L SHINDENGEN-D4SB60L Datasheet
346Kb / 6P
   General Purpose Rectifiers(600V 4A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
   General Purpose Rectifiers(600V 4A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
   General Purpose Rectifiers(600V 4A)
U4SBA60 SHINDENGEN-U4SBA60 Datasheet
319Kb / 6P
   General Purpose Rectifiers(600V 4A)
D3SB80 SHINDENGEN-D3SB80 Datasheet
298Kb / 6P
   General Purpose Rectifiers(800V 4A)
U4SB20 SHINDENGEN-U4SB20 Datasheet
313Kb / 6P
   General Purpose Rectifiers(200V 4A)
D3SB20 SHINDENGEN-D3SB20 Datasheet
298Kb / 6P
   General Purpose Rectifiers(200V 4A)
D4SB80 SHINDENGEN-D4SB80 Datasheet
305Kb / 6P
   General Purpose Rectifiers(800V 4A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com