Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV51137T Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV51137T
Description  2-Cell Lithium-Ion Secondary Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV51137T Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV51137T_11 Datasheet HTML 1Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 2Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 3Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 4Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 5Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 6Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 7Page - Sanyo Semicon Device LV51137T_11 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LV51137T
No.A1150-5/8
Functional Description
Over-charge detection
If either of the cell voltage is equal to or more than the over-charge detection voltage, stop further charging by
turning “L” the Cout pin and turning off external Nch MOS FET after the over-charge detection delay time.
This delay time is set by the internal counter.
The over-charge detection comparator has the hysteresis function. Note that this hysteresis can be cancelled by
connecting the load after detection of over-charge detection. and it becomes small hysteresis comparator has its own.
Once over-charge detection is made, over-current detection is not made to prevent incorrect operations. Note that
short-circuit can be detected.
Over-charge release
If both cell voltages become equal to or less than the over-charge release voltage when VM voltage is equal to or less
than Vd3, or when VM voltage is more than Vd3 with load connected, the Cout pin returns to “H” after the over-
charge release delay time set by the internal counter.
When VM voltage is more than Vd3 with load connected and either cell or both cell voltages are equal to or more
than the over-charge release voltage, the Cout pin does not return to “H”. But the load current flows through the
parasitic diode of external Nch MOS FET on Cout, consequently each cell voltage becomes equal to or less than
over-charge release voltage, the Cout pin returns to “H.” after the over-charge release delay time.
However, excessive voltage charger is connected as mentioned below, Cout pin does not return to “H” because
excessive charger detection starts after over-charge release operation.
Over-discharge detection
When either cell voltage is equal to or less than over-discharge voltage, the IC stops further discharging by turning
the Dout pin “L” and turning off external Nch MOS FET after the over-charge detection delay time.
The IC goes into stand-by mode after detecting over-discharge and its consumption current is kept at about 0A. After
over-discharge detection, the V- pin will be connected to VDD pin via internal resistor (typ 200kΩ).
Over-discharge release
Release from over-discharge is made by only connecting charger. If the V- pin voltage becomes equal to or lower
than the stand-by release voltage by connecting charger after detecting over-discharge, The IC is released from the
stand-by state to start cell voltage monitoring. While both cell voltages are equal to or less than over-discharge
voltages, charging will be made through the parasitic diode of external Nch FET on Dout pin. If both cell voltages
become equal to or more than the over-discharge detection voltage by charging, the Dout pin returns to “H” after the
over-discharge release delay time set by the internal counter.
Over-current detection
When excessive current flows through the battery, the V- pin voltage rises by the ON resister of external MOS FET
and becomes equal to or more than the over-current detection voltage, the Dout pin turns to “L” after the over-current
detection delay time and the external Nch MOS FET is turned off to prevent excessive current in the circuit. The
detection delay time is set by the internal counter. After detection, the V- pin will be connected to VSS via internal
resistor (typ. 15kΩ). It will not go into stand-by mode after detecting over-current.
Short circuit detection
If greater discharging current flows through the battery and the V- pin voltage becomes equal to or more than the
short-circuit detection voltage, it will go into short-circuit detection state after the short circuit delay time shorter than
the over-current detection delay time. When short-circuit is detected, just like the time of over-current detection, the
Dout pin turns to “L” and external Nch MOS FET is turned off to prevent high current in the circuit. The V- pin will
be connected to VSS after detection via internal resistor (typ. 15kΩ). It will not go into stand-by mode after detecting
short circuit.
Over-current/short-detection release
After detecting over-current or short circuit, the internal resistor (typ. 15kΩ) between V- pin and VSS pin becomes
effective. If the load resistor is removed, the V- pin voltage will be pulled down to the VSS level. Thereafter, the IC
will be released from the over-current/short-circuit detection state when the V- pin voltage becomes equal to or less
than the over-current detection voltage, and the Dout pin returns to “H” after over-current release delay time set by
the internal counter.


Similar Part No. - LV51137T_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51137T SANYO-LV51137T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
More results

Similar Description - LV51137T_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51139T SANYO-LV51139T Datasheet
224Kb / 7P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51138T SANYO-LV51138T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51135T SANYO-LV51135T_11 Datasheet
189Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
logo
ON Semiconductor
LV51130T ONSEMI-LV51130T Datasheet
172Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
August, 2013
logo
Sanyo Semicon Device
LV51133T SANYO-LV51133T Datasheet
154Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51130T SANYO-LV51130T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51131T SANYO-LV51131T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51136T SANYO-LV51136T Datasheet
154Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com