Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25450PNW Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV25450PNW
Description  For Automotive Applications DSP Tuner Front End
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25450PNW Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV25450PNW Datasheet HTML 1Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 2Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 3Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 4Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 5Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 6Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 7Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 8Page - Sanyo Semicon Device LV25450PNW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LV25450PNW
Power on/Power off Timing and the Power on Reset
Recommended Operating Ratings at Ta = 25°C, GND = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Vcop H
Pin 3, 27, 35, 54, 55, 61
7.5
8.5
V
Operating supply voltage
Vcop L
Pin 16, 25, 41
4.5
5.5
V
VREG3
Pin 26
2.7
3.3
V
Internal logic voltage
VREG4
Pin 15
3.7
4.3
V
Power application time
(8.0 V
→ 5.0 V)
T7
10
100
ms
Vhmin3
Pin 26 : Design reference value
VREG3
2.2
V
Internal register retention voltage
Vhmin4
Pin 15 : Design reference value
VREG4
2.2
V
Internal register reset voltage
Voff
Pin 16, 25, 41 : Design reference value
0
0.2
V
Internal register reset power
supply rise time
tPOR
Pin 16, 25, 41 : Design reference value
0.05
3
ms
Power application time
(5.0 V
→ 8.0 V)
T14
10
100
ms
Power-on Sequence and Power-on Reset
(1) Power on image and power on reset
Recommended Operating Ratings at Ta = 25°C, GND = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Vcop H
Pins 3, 27, 35, and 61
7.5
8.5
V
Operating supply voltage
Vcop L
Pins16, 25, and 41
4.5
5.5
V
VREG3
Pin 26
2.7
3.3
V
Internal logic voltage
VREG4
Pin 15
3.7
4.3
V
Vhmin3
Pin 26 : Design reference value
2.2
VREG3
V
Internal register retention voltage
Vhmin4
Pin 15 : Design reference value
2.2
VREG4
V
Internal register reset voltage
Voff
Pins 16, 25, and 41 : Design reference value
0
0.2
V
Internal register reset power
supply rise time
tPOR
Pins 16, 25, and 41 : Design reference value
0.05
3
ms
Note 1 : When reading out data from pin D0 connection (e.g., E2PROM) with the voltage at the pin 23 below 2.2V, be sure to read the data after transmitting
the control data and pin D0 being set “open” because the state of internal register cannot be specified.
Note 2 : It is necessary to set data when power is first applied or there is a momentary power interruption.
VCC_8Vop
VCC_5Vop
VREG4
VREG3
Vhmin3
Vhmin4
Voff
tPOR
Image of Supply Voltage
No.A1668-3/40


Similar Part No. - LV25450PNW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25450PNW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com